Electronic Components Datasheet Search
  English  ▼

X  

ATS2825 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ATS2825
Description  Bluetooth Module SPEC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATS2825 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ATS2825 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ATS2825 Bluetooth Module SPEC
Copyright© 2015 Actions (Zhuhai) Technology Co., Ltd. All rights reserved.
Version 1.0
Page 4
Application Diagram
Specifications
Operating Frequency Band
2.4GHz ~ 2.48GHz unlicensed ISM band
Bluetooth Specification
V2.1+EDR/V3.0/V4.0/ V4.1(BLE)
Bluetooth Protocol
A2DP,AVRCP,HFP,SPP
BAS,DIS,FMP,HRP,HRS,HTP,HTS,IAS,LLS
Output Power Class
Class 2
Operating Voltage
Core :1.2V, IO:3.3V, BAT:3.4V~4.2V
Operating temperate range
-10
~ +70
℃℃
External Interface
UART,SPI,TWI,I2S,IR,SD Card,USB,DMIC,SPDIF TX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com