Electronic Components Datasheet Search
  English  ▼

X  

ATS2825 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ATS2825
Description  Bluetooth Module SPEC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATS2825 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ATS2825 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 9Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ATS2825 Bluetooth Module SPEC
Copyright© 2015 Actions (Zhuhai) Technology Co., Ltd. All rights reserved.
Version 1.0
Page 5
Electrical Characteristics
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Temperature
Storage temperature (Tstg)
-55
+150
°C
ESD Stress voltage
VESD (Human body model)
2000
-
V
DC5V
-0.3
9.0
V
BAT
-0.3
5.0
V
VCC/AVCC/BTVCC
-0.3
3.6
V
Supply Voltage
VDD
-0.3
1.32
V
3.3V IO
-0.3
3.6
V
Input Voltage
1.2V IO
-0.3
1.32
V
Recommended Power Supply
Supply Voltage
Min
Typ
Max
Unit
BAT (Li)
3.4
3.8
4.3
V
DC5V
4.5
5.0
7.0
V
VCC/AVCC/BTVCC
2.8
3.1
3.4
V
VD15
1.0
1.5
1.7
V
VDD/RTCVDD
1.08
1.2
1.32
V
VD12
0.8
1.05
1.5
V
Regulators Maximum Output Current
Block Name
Output Voltage
Load Capacity
VCC
2.7V ~ 3.4V
300mA
VDD
0.8V ~ 1.32V
100mA
VD15
1.0V ~ 1.7V
170mA
BTVCC
2.8V ~ 3.5V
100mA
AVCC
VCC – 0.15V
50mA@98%
Note: The output voltages are precisely within ±2%, providing large currents with a significantly
small dropout voltage within
±5%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com