Electronic Components Datasheet Search
  English  ▼

X  

FDS160V Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDS160V
Description  Switching diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS160V Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDS160V Datasheet HTML 1Page - First Silicon Co., Ltd FDS160V Datasheet HTML 2Page - First Silicon Co., Ltd FDS160V Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOD-723
VSC
2
2
ANODE
1
CATHODE
ABSOLUTE MAXIMUM RATINGS (Ta = 25 C)
Peak reverse voltage
90
DC reverse voltage
80
Peak forward current
225
Mean rectifying current
100
Surge current (1s)
500
Junction temperature
Storage temperature
– 55 ~ +125
Switching diode
• Applications
High speed switching
• Features
1) Extremely small surface mounting type.
2) High Speed. (trr = 1.2ns Typ.)
3) High reliability.
• Construction
Silicon epitaxial planar
1
ELECTRICAL CHARACTERISTICS (Ta = 25 C)
Forward voltage
Reverse current
IR
–
0.1
µA
Capacitance between terminals
CT
0.72
3.0
pF
VR=0.5V , f=1MHz
Reverse recovery time
VR=6V , IF=10mA , RL=100
Ω
Device Marking and Ordering Information
•
Device
Marking
Shipping
3000/Tape&Reel
FDS160VT1G
3
Symbol
Parameter
2008. 1. 28
1/3
SEMICONDUCTOR
TECHNICAL DATA
FDS160V
Revision No : 0
Limit
Unit
VRM
VR
IFM
IO
Isurge
TJ
Tstg
mA
mA
C
C
125
mA
V
V
Symbol
Parameter
Min.
Unit
Typ.
Max.
Conditions
VF
trr
–
–
–
–
–
–
1.2
4
V
ns
IF=100mA
VR=80V


Similar Part No. - FDS160V

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDS160 FS-FDS160 Datasheet
72Kb / 3P
Switching diode
FDS160E FS-FDS160E Datasheet
133Kb / 3P
Switching diode
FDS160ET1G FS-FDS160ET1G Datasheet
133Kb / 3P
Switching diode
FDS160F FS-FDS160F Datasheet
372Kb / 3P
Switchingdiode
FDS160G FS-FDS160G Datasheet
486Kb / 4P
High Speed Switching Diode
More results

Similar Description - FDS160V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com