Electronic Components Datasheet Search
  English  ▼

X  

FDS160V Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FDS160V
Description  Switching diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS160V Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FDS160V Datasheet HTML 1Page - First Silicon Co., Ltd FDS160V Datasheet HTML 2Page - First Silicon Co., Ltd FDS160V Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTIC CURVES
(Ta = 25°C)
Ta=125°C
75°C
25°C
−25°C
Fig.1 Forward characteristics
FORWARD VOLTAGE : VF (V)
10µ
100µ
1m
10m
100m
1
0
20
40
60
80
100
120
1n
10n
100n
1µ
10µ
0.1m
1m
Ta=125°C
Ta=75°C
Ta=25°C
Fig.2 Reverse characteristics
REVERSE VOLTAGE VR (V)
Fig.3 Capacitance between
terminals characteristics
REVERSE VOLTAGE : VR (V)
024
6
8
10
12
14
0 1
0 2
0 5
1
2
5
10
VR=6V
Irr =1/10IR
Fig.4 Reverse recovery time
characteristics
FORWARD CURRENT : IF (mA)
0
10
20
30
0
1
2
3
Fig.5 Surge current characteristics
PULSE WIDTH : TW (ms)
0 1
1
10
100
1000 10000
1
5
10
2
20
50
PULSE
Single pulse
100
Fig.6 Reverse recovery time (trr) measurement circuit
SAMPLING
OSCILLOSCOPE
PULSE GENERATOR
OUTPUT 50 Ω
5kΩ
50Ω
0.01 µF
D.U.T.
2008. 1. 28
2/3
FDS160V
Revision No : 0
0 2
0 4
0 6
0 8
1 0
1 2
1 4
0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com