Electronic Components Datasheet Search
  English  ▼

X  

5B39 Datasheet(PDF) 2 Page - Analog Devices

Part # 5B39
Description  Isolated Current Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B39 Datasheet(HTML) 2 Page - Analog Devices

  5B39 Datasheet HTML 1Page - Analog Devices 5B39 Datasheet HTML 2Page - Analog Devices 5B39 Datasheet HTML 3Page - Analog Devices 5B39 Datasheet HTML 4Page - Analog Devices 5B39 Datasheet HTML 5Page - Analog Devices 5B39 Datasheet HTML 6Page - Analog Devices 5B39 Datasheet HTML 7Page - Analog Devices 5B39 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
5B39
Rev. 0 | Page 2 of 8
GENERAL DESCRIPTION
The 5B39 is a single-channel signal conditioning module that
converts a high-level analog input voltage into a floating,
isolated proportional output current of 4 to 20 mA or 0 to 20
mA across loads from 0Ω to 750Ω. The module provides high
accuracy of +0.05%, low nonlinearity of +0.02%, and the
protection of 1500V rms isolation between output-to-input and
output-to power supply. The input common must be held to
within +1V of power common.
Signal isolation by transformer coupling uses a proprietary
modulation technique for linear, stable and reliable
performance. A demodulator on the output side of the signal
transformer recovers the original signal, which is then filtered
and converted to an accurate current output by a current (V-to-
I) converter output stage. Output protection enables the 5B39 to
withstand accidental connection to 240V rms power lines
without damage, while isolating computer-side circuitry. In
addition, the 5B39 is mix-and-match and hot-swappable with
all 5B Series modules, so can be inserted or removed from any
socket in the same backplane without disrupting system power.
Track-and-Hold for DAC Applications
– In applications where
a single system digital-to-analog converter (DAC) is used to
drive a number of current output channels, the 5B39 includes a
track-and-hold input circuit. Selected by a high Write Enable
input, the hold mode exhibits an output droop rate of 80 uA/s.
This corresponds to a refresh interval of 25 ms for 0.01% span
droop. On power-up, the module’s output remains at 0 mA for
about 100 ms to allow the user to initialize the track-and-hold
circuit.
In applications using one DAC per channel, where the track-
and-hold feature of the 5B39 is not used, the Write Enable input
should be set to low by grounding it to power common, as on
the 5B01 and 5B08 backplanes. The module current output will
then track its input signal.
Generating A Voltage Output Signal
– The 0 to 20 mA output
of the 5B39-04 and the 5B39-03, can produce a 0 to +10V
output by connecting a 500Ω conversion resistor across the
modules’ output terminals,. This approach should be used with
caution because the output lacks the low impedance of a true
voltage source. This means that the tolerance and size of the
load impedance relative to the conversion resistor can introduce
significant error. For example, a load impedance < 500kΩ would
contribute <0.1% error.
.
.
Figure 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com