Electronic Components Datasheet Search
  English  ▼

X  

5B39 Datasheet(PDF) 3 Page - Analog Devices

Part # 5B39
Description  Isolated Current Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B39 Datasheet(HTML) 3 Page - Analog Devices

  5B39 Datasheet HTML 1Page - Analog Devices 5B39 Datasheet HTML 2Page - Analog Devices 5B39 Datasheet HTML 3Page - Analog Devices 5B39 Datasheet HTML 4Page - Analog Devices 5B39 Datasheet HTML 5Page - Analog Devices 5B39 Datasheet HTML 6Page - Analog Devices 5B39 Datasheet HTML 7Page - Analog Devices 5B39 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5B39
Rev. 0 | Page 3 of 8
5B39 Models Available
5B39 Specifications
(typical @ +25°C and Vs = +5 V dc)
Description
Model 5B39
Input Voltage Ranges
0 V to +5 V or -5 V to +5 V
Input, Without Damage
-10 V to +10 V, maximum
Input Resistance
10 M
Ω
Output Ranges
Standard Ranges
4 mA to 20 mA or 0 mA to 20 mA
Custom Ranges
Not Available
Output Over-range Capability
10%
Output Load Resistance Range
0 to 650
Ω (Vs > +4.75 V)
0 to 750
Ω (Vs > +4.95 V)
Voltage Output Protection
Continuous Short to Ground
Output Under Fault
26 mA maximum
Output Protection
Normal Mode, Continuous
240 V rms, maximum
Transient
ANSI/IEEE C37.90.1-1989
Accuracy1
Initial @ +25°C
±0.05% Span
Nonlinearity
±0.02% Span
Zero vs. Temperature
±0.5 µA/°C
Span vs. Temperature
±0.002% of Reading/°C
Noise
Output Ripple, 100 Hz Bandwidth
30 µA peak-peak
Bandwidth, -3 dB
400 Hz
Output Rise Time, 10% to 90% Span
2 ms
Common-Mode Voltage (CMV)
Output-to-Input and Power Supply
1500 V rms, maximum
Input-to-Power, Continuous2
±1 V, maximum
Output Transient Protection
ANSI/IEEE C37.90.1-1989
Common Mode Rejection (CMR)
1 k
Ω Source Imbalance, 50/60 Hz
90 dB
Normal Mode Rejection (NMR)
-3 dB @ 400 Hz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com