Electronic Components Datasheet Search
  English  ▼

X  

AV-51001 Datasheet(PDF) 39 Page - Altera Corporation

Part # AV-51001
Description  Arria V Device Overview
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

AV-51001 Datasheet(HTML) 39 Page - Altera Corporation

Back Button AV-51001 Datasheet HTML 32Page - Altera Corporation AV-51001 Datasheet HTML 33Page - Altera Corporation AV-51001 Datasheet HTML 34Page - Altera Corporation AV-51001 Datasheet HTML 35Page - Altera Corporation AV-51001 Datasheet HTML 36Page - Altera Corporation AV-51001 Datasheet HTML 37Page - Altera Corporation AV-51001 Datasheet HTML 38Page - Altera Corporation AV-51001 Datasheet HTML 39Page - Altera Corporation AV-51001 Datasheet HTML 40Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
Date
Version
Changes
May 2013
2013.05.06 • Moved all links to the Related Information section of respective topics
for easy reference.
• Added link to the known document issues in the Knowledge Base.
• Updated the available options, maximum resource counts, and per
package information for the Arria V SX and ST device variants.
• Updated the variable DSP multipliers counts for the Arria V SX and
ST device variants.
• Clarified that partial reconfiguration is an advanced feature. Contact
Altera for support of the feature.
• Added footnote to clarify that MLAB 64 bits depth is available only
for Arria V GZ devices.
• Updated description about power-up sequence requirement for
device migration to improve clarity.
January 2013
2013.01.11 • Added the L optional suffix to the Arria V GZ ordering code for the –
I3 speed grade.
• Added a note about the power-up sequence requirement if you plan
to migrate your design from the Arria V GX A5 and A7, and Arria V
GT C7 devices to other Arria V devices.
November
2012
2012.11.19 • Updated the summary of features.
• Updated Arria V GZ information regarding 3.3 V I/O support.
• Removed Arria V GZ engineering sample ordering code.
• Updated the maximum resource counts for Arria V GX and GZ.
• Updated Arria V ST ordering codes for transceiver count.
• Updated transceiver counts for Arria V ST packages.
• Added simplified floorplan diagrams for Arria V GZ, SX, and ST.
• Added FPP x32 configuration mode for Arria V GZ only.
• Updated CvP (PCIe) remote system update support information.
• Added HPS external memory performance information.
• Updated template.
October 2012
3.0
• Added Arria V GZ information.
• Updated Table 1, Table 2, Table 3, Table 14, Table 15, Table 16, Table
17, Table 18, Table 19, Table 20, and Table 21.
• Added the “Arria V GZ” section.
• Added Table 8, Table 9 and Table 22.
July 2012
2.1
• Added –I3 speed grade to Figure 1 for Arria V GX devices.
• Updated the 6-Gbps transceiver speed from 6.553 Gbps to 6.5536
Gbps in Figure 3 and Figure 1.
AV-51001
2015.01.23
Document Revision History
39
Arria V Device Overview
Altera Corporation
Send Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com