Electronic Components Datasheet Search
  English  ▼

X  

AV-51001 Datasheet(PDF) 13 Page - Altera Corporation

Part # AV-51001
Description  Arria V Device Overview
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

AV-51001 Datasheet(HTML) 13 Page - Altera Corporation

Back Button AV-51001 Datasheet HTML 9Page - Altera Corporation AV-51001 Datasheet HTML 10Page - Altera Corporation AV-51001 Datasheet HTML 11Page - Altera Corporation AV-51001 Datasheet HTML 12Page - Altera Corporation AV-51001 Datasheet HTML 13Page - Altera Corporation AV-51001 Datasheet HTML 14Page - Altera Corporation AV-51001 Datasheet HTML 15Page - Altera Corporation AV-51001 Datasheet HTML 16Page - Altera Corporation AV-51001 Datasheet HTML 17Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Resource
Member Code
B3
B5
FPGA GPIO(8)
540
540
HPS I/O
208
208
LVDS
Transmitter
120
120
Receiver
136
136
PCIe Hard IP Block
2
2
FPGA Hard Memory Controller
3
3
HPS Hard Memory Controller
1
1
ARM Cortex-A9 MPCore Processor
Dual-core
Dual-core
Related Information
High-Speed Differential I/O Interfaces and DPA in Arria V Devices chapter, Arria V Device
Handbook
Provides the number of LVDS channels in each device package.
Package Plan
Table 11: Package Plan for Arria V SX Devices
The HPS I/O counts are the number of I/Os in the HPS and does not correlate with the number of HPS-specific
I/O pins in the FPGA. Each HPS-specific pin in the FPGA may be mapped to several HPS I/Os.
Member
Code
F896
(31 mm)
F1152
(35 mm)
F1517
(40 mm)
FPGA
GPIO
HPS I/O
XCVR
FPGA
GPIO
HPS I/O
XCVR
FPGA
GPIO
HPS I/O
XCVR
B3
250
208
12
385
208
18
540
208
30
B5
250
208
12
385
208
18
540
208
30
Arria V ST
This section provides the available options, maximum resource counts, and package plan for the
Arria V ST devices.
The information in this section is correct at the time of publication. For the latest information and to get
more details, refer to the Altera Product Selector.
Related Information
Altera Product Selector
Provides the latest information about Altera products.
(8)
The number of GPIOs does not include transceiver I/Os. In the Quartus II software, the number of user
I/Os includes transceiver I/Os.
AV-51001
2015.01.23
Package Plan
13
Arria V Device Overview
Altera Corporation
Send Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com