Electronic Components Datasheet Search
  English  ▼

X  

CMD162 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD162
Description  26-34 GHz Low Noise Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD162 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD162 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD162 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD162 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD162 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD162 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD162 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD162 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD162 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD162 Datasheet HTML 9Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD162 is a highly efficient GaAs
MMIC low noise amplifier ideally suited for
EW and communications systems where small
size and low power consumption are needed.
The device is optimized for 30 GHz and deliv-
ers greater than 22 dB of gain with a corre-
sponding output 1 dB compression point of +7
dBm and noise figure of 1.7 dB. The CMD162
is a 50 ohm matched design which eliminates
the need for external DC blocks and RF port
matching. The CMD162 offers full passivation
for increased reliability and moisture protec-
tion. This amplifier is the perfect alternative to
higher cost hybrid amplifiers.
► Ultra low noise performance
► Low current consumption
► Small die size
Electrical Performance - Vdd = 2.0 V, Vgg = 2.0 V, TA = 25
oC, F=30 GHz
Features
Description
Functional Block Diagram
ver 1.7 0516
Parameter
Min
Typ
Max
Units
Frequency Range
26 - 34
GHz
Gain
22
dB
Noise Figure
1.7
dB
Input Return Loss
18
dB
Output Return Loss
20
dB
Output P1dB
7
dBm
Supply Current
25
mA
1
2
3
4
5
RFIN
RFOUT
Vgg
Vdd
GB
CMD162
CMD162
CMD162
26-34 GHz Low Noise Amplifier


Similar Part No. - CMD162

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMD160 APITECH-CMD160 Datasheet
119Kb / 1P
Trunking Radio Duplexer
logo
Custom MMIC Design Serv...
CMD160C4 MMIC-CMD160C4 Datasheet
252Kb / 9P
17-25 GHz Low Noise Amplifier
logo
API Technologies Corp
CMD161 APITECH-CMD161 Datasheet
108Kb / 1P
PCS Fullband Duplexer
logo
Custom MMIC Design Serv...
CMD163 MMIC-CMD163 Datasheet
226Kb / 9P
17-27 GHz Low Noise Amplifier
CMD163C4 MMIC-CMD163C4 Datasheet
258Kb / 10P
17-27 GHz Low Noise Amplifier
More results

Similar Description - CMD162

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1073A TRIQUINT-TGA1073A Datasheet
629Kb / 7P
26- 34 GHz Medium Power Amplifier
logo
Alpha Industries
AA038N1-99 ALPHA-AA038N1-99 Datasheet
321Kb / 4P
26-41 GHz Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC517LC4 HITTITE-HMC517LC4 Datasheet
314Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
logo
Agilent(Hewlett-Packard...
AMMC-6241 HP-AMMC-6241 Datasheet
944Kb / 8P
26-43 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6241 AVAGO-AMMC-6241 Datasheet
325Kb / 8P
26-43 GHz Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC517LC4 HITTITE-HMC517LC4_09 Datasheet
228Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6241 AVAGO-AMMC-6241_08 Datasheet
529Kb / 8P
26??3 GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD188 MMIC-CMD188 Datasheet
222Kb / 10P
26-34 GHz Low Noise Amplifier
CMD290 MMIC-CMD290 Datasheet
342Kb / 14P
2-26 GHz GaN Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6241 BOARDCOM-AMMC-6241 Datasheet
529Kb / 8P
26??3 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com