Electronic Components Datasheet Search
  English  ▼

X  

CMD162 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD162
Description  26-34 GHz Low Noise Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD162 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD162 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD162 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD162 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD162 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD162 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD162 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD162 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD162 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD162 Datasheet HTML 9Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
CMD162
CMD162
CMD162
26-34 GHz Low Noise Amplifier
Parameter
Min
Typ
Max
Units
Vdd
1.0
2.0
4.0
V
Idd
25
mA
Vgg
0
2.0
3.0
V
Operation of this device outside the maximum
ratings may cause permanent damage.
Electrical performance is measured at specific
test conditions. Electrical specifications are not
guaranteed over all recommended operating con-
ditions.
Absolute Maximum Ratings
Recommended Operating Conditions
Electrical Specifications, Vdd = 2.0 V, Vgg = 2.0 V, TA = 25
oC
Specifications
Parameter
Rating
Drain Voltage, Vdd
4.5 V
Gate Voltage, Vgg
3.0 V
RF Input Power
+20 dBm
Channel Temperature, Tch
150 °C
Power Dissipation, Pdiss
360 mW
Thermal Resistance
180 °C/W
Operating Temperature
-55 to 85 °C
Storage Temperature
-55 to 150 °C
ver 1.7 0516
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range
26 - 30
30 - 34
GHz
Gain
20
23
27
18
21
25
dB
Noise Figure
1.7
2.1
1.7
2.0
dB
Input Return Loss
20
15
dB
Output Return Loss
10
12
dB
Output P1dB
5
8
dBm
Supply Current
17
25
33
17
25
33
mA
Gain Temperature
Coefficient
0.02
0.02
dB/°C
Noise Figure Temperature
Coefficient
0.009
0.009
dB/°C
Output IP3
16
16
dBm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com