Electronic Components Datasheet Search
  English  ▼

X  

CMD178C3 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD178C3
Description  11-21 GHz Fundamental Mixer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD178C3 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD178C3 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD178C3 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD178C3 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD178C3 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD178C3 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD178C3 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD178C3 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD178C3 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD178C3 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD178C3 is a general purpose double
balanced mixer in a leadless surface mount
package that
can
be used
for
up- and
downconverting applications between 11 and
20 GHz.
The CMD178C3 has very high
isolation to both the RF and IF ports due to the
optimized balun structures, and can operate
with an LO drive level as low as +9 dBm. The
CMD178C3 can easily be configured as an
image
reject
mixer
or
single
sideband
modulator with external hybrids and power
splitters.
► Low conversion loss
► High isolation
► Wide IF bandwidth
► Passive double balanced topology
► Pb-free RoHs compliant 3x3 mm SMT package
Electrical Performance - IF = 100 MHz, LO = +13 dBm , TA = 25
oC, F = 15 GHz
Features
Description
Functional Block Diagram
Parameter
Min
Typ
Max
Units
Frequency Range, RF & LO
GHz
Frequency Range, IF
DC
6
GHz
Conversion Loss
6
dB
LO to RF Isolation
45
dB
LO to IF Isolation
45
dB
RF to IF Isolation
26
dB
Input P1dB
9
dBm
11 - 21
Unless otherwise noted, all measurements performed as a downconverter, IF = 100 MHz
ver 1.5 1017
CMD178C3
CMD178C3
CMD178C3
11-21 GHz Fundamental Mixer


Similar Part No. - CMD178C3

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD178C3 QORVO-CMD178C3 Datasheet
245Kb / 11P
11-21 GHz Fundamental Mixer
More results

Similar Description - CMD178C3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC554 HITTITE-HMC554 Datasheet
287Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
HMC554LC3B HITTITE-HMC554LC3B Datasheet
273Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
HMC-C051 HITTITE-HMC-C051 Datasheet
242Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER MODULE, 11 - 20 GHz
HMC554 HITTITE-HMC554_09 Datasheet
228Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
HMC554LC3B HITTITE-HMC554LC3B_09 Datasheet
194Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
logo
Custom MMIC Design Serv...
CMD180C3 MMIC-CMD180C3 Datasheet
234Kb / 10P
20-32 GHz Fundamental Mixer
CMD251C3 MMIC-CMD251C3 Datasheet
798Kb / 11P
4-8.5 GHz Fundamental Mixer
CMD254C3 MMIC-CMD254C3 Datasheet
247Kb / 11P
11-21 GHz High IP3 Fundamental Mixer
logo
Qorvo, Inc
CMD178C3 QORVO-CMD178C3 Datasheet
245Kb / 11P
11-21 GHz Fundamental Mixer
CMD254C3 QORVO-CMD254C3 Datasheet
247Kb / 11P
11-21 GHz High IP3 Fundamental Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com