Electronic Components Datasheet Search
  English  ▼

X  

CMD178C3 Datasheet(PDF) 8 Page - Custom MMIC Design Services, Inc.

Part # CMD178C3
Description  11-21 GHz Fundamental Mixer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD178C3 Datasheet(HTML) 8 Page - Custom MMIC Design Services, Inc.

Back Button CMD178C3 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD178C3 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD178C3 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD178C3 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD178C3 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD178C3 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD178C3 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. CMD178C3 Datasheet HTML 10Page - Custom MMIC Design Services, Inc. CMD178C3 Datasheet HTML 11Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
Typical Performance
ver 1.5 1017
MxN Spurious Outputs
CMD178C3
CMD178C3
CMD178C3
11-21 GHz Fundamental Mixer
nLO
mRF
0
1
2
3
4
0
xx
25
33
> 90
> 90
1
28
0
47
40
> 90
2
72
64
64
67
75
3
> 90
> 90
> 90
64
> 90
4
> 90
> 90
> 90
> 90
> 90
RF = 15.1 GHz @ -10 dBm
LO = 15.0 GHz @ +13 dBm
All values in dBc below the IF output power level (1RF - 1LO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com