Electronic Components Datasheet Search
  English  ▼

X  

CMD182 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD182
Description  6-10 GHz I/Q Mixer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD182 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD182 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD182 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD182 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD182 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD182 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD182 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD182 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD182 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD182 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD182 is a compact I/Q mixer die that
can be used as either an image reject mixer or a
single sideband upconverter.
The CMD182
utilizes two double balanced mixer cells and a
90 degree hybrid.
An external IF hybrid is
needed to complete the image rejection.
The
CMD182 offers full passivation for increased
reliability and moisture protection.
► Low conversion loss
► High isolation
► Image rejection: 30 dB
► Wide IF bandwidth
► Small die size
Electrical Performance - IF = 100 MHz, LO = +15 dBm , TA = 25
oC, F = 8 GHz
Features
Description
Functional Block Diagram
Parameter
Min
Typ
Max
Units
Frequency Range, RF & LO
6 - 10
GHz
Frequency Range, IF
DC
3.5
GHz
Conversion Loss (as IRM)
6
dB
Image Rejection
30
dB
LO to RF Isolation
46
dB
LO to IF Isolation
20
dB
Input P1dB
9
dBm
Unless otherwise noted, all measurements performed as a downconverter, IF = 100 MHz
ver 1.0 0918
CMD182
6-10 GHz I/Q Mixer
-90
0
1
2
3
RF
LO
IF2
4
IF1


Similar Part No. - CMD182

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMD182 APITECH-CMD182 Datasheet
120Kb / 1P
Filter Duplexer, TX 5.8 / RX 5.3
logo
Qorvo, Inc
CMD182 QORVO-CMD182 Datasheet
213Kb / 11P
6-10 GHz I/Q Mixer
logo
API Technologies Corp
CMD182-47 APITECH-CMD182-47 Datasheet
120Kb / 1P
Filter Duplexer, TX 5.3 / RX 5.8
CMD182-48 APITECH-CMD182-48 Datasheet
120Kb / 1P
Filter Duplexer, TX 5.3 / RX 5.8
logo
Custom MMIC Design Serv...
CMD182C4 MMIC-CMD182C4 Datasheet
245Kb / 11P
6-10 GHz I/Q Mixer
More results

Similar Description - CMD182

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC520 HITTITE-HMC520 Datasheet
313Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC520LC4 HITTITE-HMC520LC4 Datasheet
288Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC526 HITTITE-HMC526 Datasheet
302Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC526LC4 HITTITE-HMC526LC4 Datasheet
296Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC520LC4 HITTITE-HMC520LC4_09 Datasheet
212Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
logo
Custom MMIC Design Serv...
CMD182C4 MMIC-CMD182C4 Datasheet
245Kb / 11P
6-10 GHz I/Q Mixer
CMD257C4 MMIC-CMD257C4 Datasheet
259Kb / 11P
6-10 GHz High IP3 I/Q Mixer
logo
Qorvo, Inc
CMD182C4 QORVO-CMD182C4 Datasheet
245Kb / 11P
6-10 GHz I/Q Mixer
CMD182 QORVO-CMD182 Datasheet
213Kb / 11P
6-10 GHz I/Q Mixer
CMD257C4 QORVO-CMD257C4 Datasheet
259Kb / 11P
6-10 GHz High IP3 I/Q Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com