Electronic Components Datasheet Search
  English  ▼

X  

CMD182 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD182
Description  6-10 GHz I/Q Mixer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD182 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD182 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD182 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD182 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD182 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD182 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD182 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD182 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD182 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD182 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
CMD182
6-10 GHz I/Q Mixer
Specifications
Absolute Maximum Ratings
Electrical Specifications - IF = 100 MHz, LO = +15 dBm, TA = 25
oC
Parameter
Rating
RF / IF Input Power
+25 dBm
LO Drive
+25 dBm
Operating Temperature
-40 to 85 °C
Storage Temperature
-55 to 150 °C
Thermal Resistance, Θ JC
124.25 °C/W
Power Dissipation, Pdiss
347 mW
ver 1.0 0918
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range, RF & LO
6 - 10
7.1 - 8.5
GHz
Frequency Range, IF
DC
3.5
DC
3.5
GHz
Conversion Loss (as IRM)
6
9
5.5
8
dB
Image Rejection
20
28
25
30
dB
LO to RF Isolation
39
50
39
50
dB
LO to IF Isolation
15
20
15
20
dB
Input P1dB
9
9
dBm
Input IP3
18
17.5
dBm
Unless otherwise noted, all measurements performed as a downconverter, IF = 100 MHz
Exceeding any one or combination of the maximum ratings
may cause permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com