Electronic Components Datasheet Search
  English  ▼

X  

CMD188 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD188
Description  26-34 GHz Low Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD188 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD188 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD188 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD188 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD188 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD188 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD188 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD188 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD188 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD188 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD188 is a highly efficient GaAs
MMIC low noise amplifier ideally suited for
EW and communications systems where small
size and low power consumption are needed.
The device is optimized for 30 GHz and
delivers greater than 20 dB of gain with a
corresponding output 1 dB compression point
of +6 dBm and noise figure of 1.4 dB. The
CMD188 is a 50 ohm matched design which
eliminates the need for external DC blocks and
RF port matching. The CMD188 offers full
passivation
for
increased
reliability
and
moisture protection.
► Ultra low noise performance
► Low current consumption
► Small die size
Electrical Performance - Vdd = 2.0 V, Vgg = 2.0 V, TA = 25
oC, F=30 GHz
Features
Description
Functional Block Diagram
ver 1.2 0616
Parameter
Min
Typ
Max
Units
Frequency Range
26 - 34
GHz
Gain
20
dB
Noise Figure
1.4
dB
Input Return Loss
9
dB
Output Return Loss
11
dB
Output P1dB
6
dBm
Supply Current
20
mA
1
2
3
4
5
RFIN
RFOUT
Vgg
Vdd
GB
CMD188
CMD188
CMD188
26-34 GHz Low Noise Amplifier


Similar Part No. - CMD188

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD180 MMIC-CMD180 Datasheet
213Kb / 10P
20-32 GHz Fundamental Mixer
logo
Qorvo, Inc
CMD180 QORVO-CMD180 Datasheet
213Kb / 10P
20-32 GHz Fundamental Mixer
logo
Custom MMIC Design Serv...
CMD180C3 MMIC-CMD180C3 Datasheet
234Kb / 10P
20-32 GHz Fundamental Mixer
logo
Qorvo, Inc
CMD180C3 QORVO-CMD180C3 Datasheet
234Kb / 10P
20-32 GHz Fundamental Mixer
logo
Custom MMIC Design Serv...
CMD181 MMIC-CMD181 Datasheet
1Mb / 10P
26-45 GHz Fundamental Mixer
More results

Similar Description - CMD188

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1073A TRIQUINT-TGA1073A Datasheet
629Kb / 7P
26- 34 GHz Medium Power Amplifier
logo
Alpha Industries
AA038N1-99 ALPHA-AA038N1-99 Datasheet
321Kb / 4P
26-41 GHz Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC517LC4 HITTITE-HMC517LC4 Datasheet
314Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
logo
Agilent(Hewlett-Packard...
AMMC-6241 HP-AMMC-6241 Datasheet
944Kb / 8P
26-43 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6241 AVAGO-AMMC-6241 Datasheet
325Kb / 8P
26-43 GHz Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC517LC4 HITTITE-HMC517LC4_09 Datasheet
228Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6241 AVAGO-AMMC-6241_08 Datasheet
529Kb / 8P
26??3 GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD162 MMIC-CMD162 Datasheet
214Kb / 9P
26-34 GHz Low Noise Amplifier
CMD290 MMIC-CMD290 Datasheet
342Kb / 14P
2-26 GHz GaN Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6241 BOARDCOM-AMMC-6241 Datasheet
529Kb / 8P
26??3 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com