Electronic Components Datasheet Search
  English  ▼

X  

CMD188 Datasheet(PDF) 10 Page - Custom MMIC Design Services, Inc.

Part # CMD188
Description  26-34 GHz Low Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD188 Datasheet(HTML) 10 Page - Custom MMIC Design Services, Inc.

Back Button CMD188 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD188 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD188 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD188 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD188 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD188 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD188 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD188 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. CMD188 Datasheet HTML 10Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
ver 1.2 0616
Applications Information
Biasing and Operation
The CMD188 is biased with a positive drain supply and positive gate supply. Performance is optimized
when the drain voltage is set to +2.0 V, though it may be set to a minimum of +1.0 V and a maximum of
+4.0 V. The recommended gate voltage is +2.0 V.
Turn ON procedure:
1.Apply drain voltage Vdd and set to +2 V
2.Apply gate voltage Vgg and set to +2 V
Turn OFF procedure:
1.Turn off gate voltage Vgg
2.Turn off drain voltage Vdd
RF power can be applied at any time.
CMD188
CMD188
CMD188
26-34 GHz Low Noise Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com