Electronic Components Datasheet Search
  English  ▼

X  

DS80C410 Datasheet(PDF) 53 Page - Dallas Semiconductor

Part # DS80C410
Description  Network Microcontrollers with Ethernet and CAN
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C410 Datasheet(HTML) 53 Page - Dallas Semiconductor

Back Button DS80C410 Datasheet HTML 49Page - Dallas Semiconductor DS80C410 Datasheet HTML 50Page - Dallas Semiconductor DS80C410 Datasheet HTML 51Page - Dallas Semiconductor DS80C410 Datasheet HTML 52Page - Dallas Semiconductor DS80C410 Datasheet HTML 53Page - Dallas Semiconductor DS80C410 Datasheet HTML 54Page - Dallas Semiconductor DS80C410 Datasheet HTML 55Page - Dallas Semiconductor DS80C410 Datasheet HTML 56Page - Dallas Semiconductor DS80C410 Datasheet HTML 57Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 102 page
background image
DS80C410/DS80C411 Network Microcontrollers with Ethernet and CAN
53 of 102
For full-duplex mode operation, the physical media connects the DS80C410 directly to only one other station,
allowing simultaneous transmit and receive activity between the two without risk of collision. Hence, no media-
access method (i.e., CSMA/CD) needs to be used. For full-duplex operation, the flow control mechanism is the
PAUSE control frame. When needing time to free additional receive data buffers, the DS80C410 can initiate a
PAUSE control frame, requesting that the other station suspend transmission attempts for a specified number of
time slots.
Figure 3. Ethernet Controller Block Diagram
MII MANAGEMENT
BLOCK
<SERIAL
INTERFACE BUS TO
EXTERNAL PHY(s)>
MII I/O BLOCK
(TRANSMIT,
RECEIVE, AND
FLOW CONTROL)
CSR REGISTERS
ADDRESS CHECK
BLOCK
POWER MANAGEMENT
BLOCK
BCU
Tx/Rx BUFFER
MEMORY
(8kB)
EXTERNAL
PHY(s)
DS80C400 ON-CHIP ETHERNET CONTROLLER
DS80C400
CPU
NOTE: WHEN CONNECTING THE DS80C400 TO AN EXTERNAL PHY, DO NOT CONNECT THE
RSTOL TO THE RESET OF THE PHY. DOING SO MAY
DISABLE THE ETHERNET TRANSMIT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com