Electronic Components Datasheet Search
  English  ▼

X  

DS80C410 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS80C410
Description  Network Microcontrollers with Ethernet and CAN
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C410 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS80C410 Datasheet HTML 1Page - Dallas Semiconductor DS80C410 Datasheet HTML 2Page - Dallas Semiconductor DS80C410 Datasheet HTML 3Page - Dallas Semiconductor DS80C410 Datasheet HTML 4Page - Dallas Semiconductor DS80C410 Datasheet HTML 5Page - Dallas Semiconductor DS80C410 Datasheet HTML 6Page - Dallas Semiconductor DS80C410 Datasheet HTML 7Page - Dallas Semiconductor DS80C410 Datasheet HTML 8Page - Dallas Semiconductor DS80C410 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 102 page
background image
DS80C410/DS80C411 Network Microcontrollers with Ethernet and CAN
2 of 102
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Input Pin Relative to Ground………………………………………………………..-0.5V to +5.5V
Voltage Range on Any Output Pin Relative to Ground……………………………………………..-0.5V to (VCC3 + 0.5V)
Voltage Range on VCC3 Relative to Ground…………………………………………………………………..-0.5V to +3.6V
Voltage Range on VCC1 Relative to Ground…………………………………………………………………..-0.3V to +2.0V
Operating Temperature Range………………………………………………………………………………..-40°C to +85°C
Junction Temperature……………………………………………………………………………………………..+150°C max
Storage Temperature Range………………………………………………………………………………...-55°C to +160°C
Soldering Temperature………………………………………………………………See IPC/JEDEC J-STD-020 Standard
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to absolute maximum rating conditions for extended periods can affect device reliability.
DC ELECTRICAL CHARACTERISTICS
(VCC3 = 3.0V to 3.6V, VCC1 = 1.8V ±10%, TA = -40°C to +85°C.) (Note 1)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Supply Voltage (VCC3) (Note 2)
VCC3
3.0
3.3
3.6
V
Power-Fail Warning (VCC3) (Note 3)
VPFW3
2.85
3.00
3.15
V
Power-Fail Reset Voltage (VCC3) (Note 3)
VRST3
2.76
2.90
3.05
V
Active Mode Current (VCC3) (Note 4)
ICC3
16
35
mA
Idle Mode Current (VCC3) (Note 4)
IIDLE3
7
15
mA
Stop Mode Current (VCC3) (Not 4)
ISTOP3
1
10
mA
Stop Mode Current, Bandgap Enabled (VCC3) (Note 4)
ISPBG3
100
150
mA
Supply Voltage (VCC1) (Note 2)
VCC1
1.62
1.8
1.98
V
Power-Fail Warning (VCC1) (Note 5)
VPFW1
1.52
1.60
1.68
V
Power-Fail Reset Voltage (VCC1) (Note 5)
VRST1
1.47
1.55
1.63
V
Active Mode Current (VCC1) (Note 4)
ICC1
30
60
mA
Idle Mode Current (VCC1) (Note 4)
IIDLE1
20
50
mA
Stop Mode Current (VCC1) (Note 4)
ISTOP1
3
20
mA
Stop Mode Current, Bandgap Enabled (VCC1) (Note 4)
ISPBG1
3
20
mA
Input Low Level
VIL1
0.8
V
Input Low Level for XTAL1, RST, OW
VIL2
1.0
V
Input High Level
VIH1
2.0
V
Input High Level for XTAL1, RST, OW
VIH2
2.4
V
Output Low Current for Port 1, 3–7 at VOL = 0.4V
IOL1
6
10
mA
Output Low Current for Port 0, 2, TX_EN, TXD[3:0], MDC, MDIO,
RSTOL, ALE, PSEN, and Ports 3–7 (when used as any of the following:
A21–A0,
WR, RD, CE0-7, PCE0-3) at VOL = 0.4V (Note 6)
IOL2
12
20
mA
Output Low Current for OW,
OWSTP at VOL= 0.4V
IOL3
10
16
mA
Output High Current for Port 1, 3–7 at VOH = VCC3 - 0.4V (Note 7)
IOH1
-75
-50
mA
Output High Current for Port 1, 3–7 at VOH= VCC3 - 0.4V (Note 8)
IOH2
-8
-4
mA
Output High Current for Port 0, 2, TX_EN, TXD[3:0], MDC, MDIO,
RSTOL, ALE, PSEN, and Ports 3–7 (when used as any of the following:
A21–A0,
WR, RD, CE0-7, PCE0-3) at VOH = VCC3 - 0.4V (Notes 6, 9)
IOH3
-16
-8
mA
Input Low Current for Port 1–7 at 0.4V (Note 10)
IIL
-50
-20
-10
mA
Logic 1-to-0 Transition Current for Port 1, 3–7 (Note 11)
ITL
-650
-400
mA
Input Leakage Current, Port 0 Bus Mode, VIL = 0.8V (Note 12)
ITH0
20
50
200
mA
Input Leakage Current, Port 0 Bus Mode, VIH = 2.0V (Note 12)
ITL0
-200
-50
-20
mA
Input Leakage Current, Input Mode (Note 13)
IL
-10
0
10
mA
RST Pulldown Resistance
RRST
50
100
200
k
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com