Electronic Components Datasheet Search
  English  ▼

X  

CMD213 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD213
Description  30-40 GHz Active Frequency Doubler
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD213 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD213 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD213 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD213 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD213 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD213 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD213 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD213 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD213 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD213 Datasheet HTML 9Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD213 die is a broadband MMIC GaAs
x2 active frequency multiplier. When driven by a
+17dBm signal, the multiplier provides +17 dBm
output power from 30 to 40 GHz.
The Fo
isolation is greater than 46 dBc at 35 GHz. The
CMD213 is a 50 ohm matched design eliminating
the need for external DC blocks and RF port
matching.
► High output power
► Excellent Fo isolation
► Broadband performance
► Small die size
Electrical Performance - Vdd = 5 V, Vgg1 = -1.8 V, Vgg2 = -0.7 V, TA = 25
oC, Pin = 17 dBm
Features
Description
Functional Block Diagram
Parameter
Min
Typ
Max
Units
Frequency Range, Input
15 - 20
GHz
Frequency Range, Output
30 - 40
GHz
Output Power
17
dBm
Fo Isolation (with respect to output level)
46
dBc
Input Return Loss
15
dB
Output Return Loss
7
dB
Supply Current
55
mA
ver 1.1 0616
1
2
3
4
5
X2
RFIN
RFOUT
Vgg1
Vgg2
Vdd
CMD213
CMD213
CMD213
30-40 GHz Active Frequency Doubler


Similar Part No. - CMD213

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMD213 APITECH-CMD213 Datasheet
110Kb / 1P
1.5 Backhaul Duplexer
logo
Qorvo, Inc
CMD213 QORVO-CMD213 Datasheet
198Kb / 9P
30-40 GHz Active Frequency Doubler
More results

Similar Description - CMD213

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XX1000-QT MIMIX-XX1000-QT_10 Datasheet
1Mb / 8P
7.5-22.5/15.0-45.0 GHz Active Doubler
XX1002-QH MIMIX-XX1002-QH_10 Datasheet
950Kb / 7P
2.5-6.0/5.0-12.0 GHz Active Doubler
logo
M/A-COM Technology Solu...
XX1000-BD MA-COM-XX1000-BD Datasheet
798Kb / 8P
Active Doubler
XX1000-QT MA-COM-XX1000-QT Datasheet
785Kb / 9P
Active Doubler
XX1002-QH MA-COM-XX1002-QH Datasheet
896Kb / 6P
Active Doubler
XX1000-QT MA-COM-XX1000-QT_15 Datasheet
785Kb / 9P
Active Doubler
XX1002-QH MA-COM-XX1002-QH_15 Datasheet
896Kb / 6P
Active Doubler
logo
Custom MMIC Design Serv...
CMD214 MMIC-CMD214 Datasheet
204Kb / 9P
24-36 GHz Active Frequency Doubler
logo
Qorvo, Inc
CMD213 QORVO-CMD213 Datasheet
198Kb / 9P
30-40 GHz Active Frequency Doubler
CMD214 QORVO-CMD214 Datasheet
199Kb / 9P
24-36 GHz Active Frequency Doubler
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com