Electronic Components Datasheet Search
  English  ▼

X  

CMD213 Datasheet(PDF) 8 Page - Custom MMIC Design Services, Inc.

Part # CMD213
Description  30-40 GHz Active Frequency Doubler
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD213 Datasheet(HTML) 8 Page - Custom MMIC Design Services, Inc.

  CMD213 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD213 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD213 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD213 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD213 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD213 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD213 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD213 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD213 Datasheet HTML 9Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
Applications Information
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions
should be observed during handling, assembly and test.
CMD213
CMD213
CMD213
30-40 GHz Active Frequency Doubler
Assembly Guidelines
Assembly Diagram
The backside of the CMD213 is RF ground. Die attach should be accomplished with electrically and
thermally conductive epoxy or eutectic attach. Standard assembly procedures should be followed for
high frequency devices. The top surface of the semiconductor should be made planar to the adjacent RF
transmission lines, and the RF decoupling capacitors placed in close proximity to the DC connections on
chip.
RF connections should be made as short as possible to reduce the inductive effect of the bond wire. Use
of a 0.8 mil thermosonic wedge bonding is highly recommended as the loop height will be minimized.
The RF input and output require a single bond wire as shown.
The semiconductor is 100 um thick and should be handled by the sides of the die or with a custom collet.
Do not make contact directly with the die surface as this will damage the monolithic circuitry. Handle
with care.
ver 1.1 0616
100 pF CHIP CAP
100,000 pF CHIP CAP
to Vdd
RF out
RF in
(example: Presidio part
LSA1515B101M2H5R-L)
(example: Presidio part
MVB4080X104ZGK5R3L)
to Vgg2
to Vgg1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com