Electronic Components Datasheet Search
  English  ▼

X  

CMD199 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD199
Description  26-35 GHz Balanced Driver Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD199 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD199 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD199 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD199 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD199 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD199 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD199 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD199 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD199 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD199 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD199 is a wideband GaAs MMIC
driver amplifier ideally suited for military,
space and communications systems where
small size and high linearity are needed. At 30
GHz the device delivers 15 dB of gain with a
corresponding output 1 dB compression point
of +19.5 dBm and noise figure of 3.5 dB. The
CMD199 is a 50 ohm matched design which
eliminates the need for external DC blocks and
RF port matching. The CMD199 offers full
passivation
for
increased
reliability
and
moisture protection.
► Wide bandwidth
► Positive gain slope
► Low noise and high linearity
► Excellent return losses
► Small die size
Electrical Performance - Vdd1 = Vdd2 = 5.0 V, TA = 25
oC, F=30 GHz
Features
Description
Functional Block Diagram
ver 1.3 0616
Parameter
Min
Typ
Max
Units
Frequency Range
GHz
Gain
15
dB
Noise Figure
3.5
dB
Input Return Loss
14
dB
Output Return Loss
20
dB
Output P1dB
19.5
dBm
Supply Current (Idd1 + Idd2)
72
mA
26 - 35
1
2
3
4
RFIN
RFOUT
Vdd1
Vdd2
CMD199
CMD199
CMD199
26-35 GHz Balanced Driver Amplifier


Similar Part No. - CMD199

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD199 QORVO-CMD199 Datasheet
221Kb / 10P
26-35 GHz Balanced Driver Amplifier
More results

Similar Description - CMD199

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA035P3-00 ALPHA-AA035P3-00 Datasheet
67Kb / 2P
31-35 GHz GaAs MMIC Driver Amplifier
logo
Teledyne Technologies I...
CMA-26-1804 TELEDYNE-CMA-26-1804 Datasheet
892Kb / 2P
Amplifier 18 GHz - 26 GHz
CMA-26-1808 TELEDYNE-CMA-26-1808 Datasheet
889Kb / 2P
Amplifier 18 GHz - 26 GHz
TMA-26-1804 TELEDYNE-TMA-26-1804 Datasheet
887Kb / 2P
Amplifier 18 GHz - 26 GHz
logo
Hittite Microwave Corpo...
HMC-C038 HITTITE-HMC-C038 Datasheet
301Kb / 6P
WIDEBAND DRIVER AMPLIFIER MODULE, 2 - 35 GHz
logo
TriQuint Semiconductor
TGA1073A-SCC TRIQUINT-TGA1073A-SCC_15 Datasheet
129Kb / 7P
26 35 GHz Medium Power Amplifier
logo
Custom MMIC Design Serv...
CMD243 MMIC-CMD243 Datasheet
215Kb / 10P
26-35 GHz Balanced Driver Amplifier
logo
Marki Microwave
ADM2-0035PA MARKIMICROWAVE-ADM2-0035PA Datasheet
1Mb / 10P
0.1-35 GHz 2-Stage LO Driver Amplifier
logo
Qorvo, Inc
CMD199 QORVO-CMD199 Datasheet
221Kb / 10P
26-35 GHz Balanced Driver Amplifier
CMD243 QORVO-CMD243 Datasheet
210Kb / 10P
26-35 GHz Balanced Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com