Electronic Components Datasheet Search
  English  ▼

X  

CMD199 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD199
Description  26-35 GHz Balanced Driver Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD199 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD199 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD199 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD199 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD199 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD199 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD199 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD199 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD199 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD199 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
CMD199
CMD199
CMD199
26-35 GHz Balanced Driver Amplifier
Parameter
Min
Typ
Max
Units
Vdd1, Vdd2
3.0
5.0
7.0
V
Idd1
36
mA
Idd2
36
mA
Operation of this device outside the maximum
ratings may cause permanent damage.
Electrical performance is measured at specific
test conditions. Electrical specifications are not
guaranteed over all recommended operating con-
ditions.
Absolute Maximum Ratings
Recommended Operating Conditions
Electrical Specifications, Vdd1 = Vdd2 = 5.0 V, TA = 25
oC
Specifications
Parameter
Rating
Drain Voltage, Vdd1, Vdd2
7.0 V
RF Input Power
+20 dBm
Channel Temperature, Tch
150 °C
Power Dissipation, Pdiss
883 mW
Thermal Resistance
73.6 °C/W
Operating Temperature
-55 to 85 °C
Storage Temperature
-55 to 150 °C
ver 1.3 0616
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range
26 - 30
30 - 35
GHz
Gain
11
14
18
12
15.5
18.5
dB
Noise Figure
4.5
3.5
dB
Input Return Loss
11
10
dB
Output Return Loss
13
8
dB
Output P1dB
16
19
14
19
dBm
Supply Current (Idd1 + Idd2)
50
72
94
50
72
94
mA
Gain Temperature
Coefficient
0.02
0.02
dB/°C
Noise Figure Temperature
Coefficient
0.014
0.014
dB/°C
Output IP3
24
24.5
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com