Electronic Components Datasheet Search
  English  ▼

X  

CMD197 Datasheet(PDF) 8 Page - Custom MMIC Design Services, Inc.

Part # CMD197
Description  1-24 GHz Distributed Driver Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD197 Datasheet(HTML) 8 Page - Custom MMIC Design Services, Inc.

Back Button CMD197 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD197 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD197 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD197 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD197 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD197 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD197 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD197 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. CMD197 Datasheet HTML 10Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
Pad Diagram
Functional Description
Pad Description
ver 1.4 0119
CMD197
1-24 GHz Distributed Driver Amplifier
Pad
Function
Description
Schematic
1
RF in
50 ohm matched input
External DC block required
2
Vdd
Power supply voltage
Decoupling and bypass caps required
3
RF out
50 ohm matched output
External DC block required
4
ACG
Low frequency termination. Attach bypass
capacitor per application circuit
Backside
Ground
Connect to RF / DC ground
RF in
RF out
GND
Vdd
Vgg
Vdd
Vgg
Vdd
1
2
3
4
For CMD146
RF in
LFT1
LFT2
RF out & Vdd
LFT3
LFT4
3 bit
4 dB
4 dB
45 deg
45 deg
Vgg
Vdd
Vgg
Vdd
Vdd
Vdd
Vdd (+)
Vgg (-)
RF in
RF out
Port B
Port A
Vctl
5
4 bit
Vctl
Vctl
RF
V
dd
out
RF
in
1
2
3
4
RF in
Vdd
RF in
RF out
GND
Vdd
Vgg
Vdd
Vgg
Vdd
1
2
3
4
For CMD146
RF in
ACG3
ACG4
RF out & Vdd
ACG1
ACG2
3 bit
4 dB
4 dB
45 deg
45 deg
Vgg
Vdd
Vgg
Vdd
Vdd
Vdd
Vdd (+)
Vgg (-)
RF in
RF out
Port B
Port A
Vctl
5
4 bit
Vctl
Vctl
RF
V
dd
out
RF
in
Vgg
GB
LO
RF
IF
Vgg
400 ohm
20 ohm
To Gates
Ven
Vdet
RF in
ACG1
RF out & Vdd
ACG2
Vgg2
RF in
1
2
3
5
6
7
RF in
Vgg
0.01 uF
0.01 uF
0.01 uF
100 pF
4
Vdd
RF out
RF out & Vdd
ACG1
Vee
Vctl
Vctrl1
Vctrl2
Vctl
RF
LO
IF1, IF2
Vdd1, 2, 3
-90
0
RF
Vgg
Vdd1, 2
RF1, 2 in
RF1, 2 out
1
3
4
7
8
9
RF in
Vgg
0.01 uF
1000 pF
0.01 uF
100 pF
5
Vdd
RF out
Vgg2
0.01 uF
100 pF
2
1000 pF
6
0.01 uF
GB
Vgg
TTL
or
CMOS
10k
Ohm
Vcc
GND
Vcc
GND
A
B
-5 Vdc
GaAs SWITCH
CONTROL
Vz = 5.1V
Izt = 50uA
COMPENSATED
DEVICES
CD4689
74HCT04 (TTL) OR
74HC04 (CMOS)
A, B
Vgg1, 2
Vgg
RF in
Vdd
RF out



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com