Electronic Components Datasheet Search
  English  ▼

X  

ATR0601 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATR0601
Description  GPS FRONT-END IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0601 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATR0601 Datasheet HTML 9Page - ATMEL Corporation ATR0601 Datasheet HTML 10Page - ATMEL Corporation ATR0601 Datasheet HTML 11Page - ATMEL Corporation ATR0601 Datasheet HTML 12Page - ATMEL Corporation ATR0601 Datasheet HTML 13Page - ATMEL Corporation ATR0601 Datasheet HTML 14Page - ATMEL Corporation ATR0601 Datasheet HTML 15Page - ATMEL Corporation ATR0601 Datasheet HTML 16Page - ATMEL Corporation ATR0601 Datasheet HTML 17Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
4866A–GPS–08/05
ATR0601 [Preliminary]
Figure 10-2. Illustration of Demonstration Board
Table 10-1.
BOM of Demonstration Board
Qty
Value
Device
Parts
Tolerance Manufacturer
Mfr. Order Code
4
JP2E
J3, J4, J5, J6
Molex
90120-0762
5
JP3E
J1, J2, J7, J8, J9
Molex
90120-0763
1
0
RESISTOR-0402
R1
Vishay
CRCW0402000Z
1
2n2
CAPACITOR-0402
C3
5%
Vishay
VJ0402Y222JXJA
2
1p3
CAPACITOR-0402
C15, C17
0,1 pF
Tayo Yuden
EVK105CH1R3BW
1
5n6 2%
Multilayer
INDUCTOR-0402
L2
2%
Würth
Elektronik
744784056G
2
5p0 ±0p1
CAPACITOR-0402
C21, C22
±0p1
Yageo America 0402CG509C9B200
2
10µ
ELKO-B
C1, C2
20%
Vishay
293D106X0016B2
1
27
RESISTOR-0402
R7
5%
Vishay
CRCW040227RJ
2
47p
CAPACITOR-0402
C5, C6
5%
Vishay
VJ0402A470JXXA.
1
82p
CAPACITOR-0402
C4
Vishay
VJ0402A820JXXA
4
100n
CAPACITOR-0402
C7, C8, C9, C19
5%
Vishay
VJ0402V104JXJ
1
100p
CAPACITOR-0402
C10
5%
Vishay
VJ0402A101JXXA.
3
142-0711-841 COAX-SMA
P1, P2, P4
Johnson Comp. 142-0711-841
4
220n 2%
INDUCTOR_WIRE-
WOUND-0603
L3, L4, L5, L6
2%
Würth
Elektronik
744761222G
2
74279266
FERRITE_BEAD-0603
FB1, FB2
Würth
Elektronik
74279266
1
ATR0601-1
ATR0601-1
IC1
Atmel
ATR0601
1
B4060
FILTER-BALANCED
FI1
Epcos
B4060
1
RSX-5
23.104 MHz
XTAL-4PIN-6035
X1
Rakon
XZC736 IEC19RSX-5
23.104 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com