Electronic Components Datasheet Search
  English  ▼

X  

ATR0601 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATR0601
Description  GPS FRONT-END IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0601 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATR0601 Datasheet HTML 1Page - ATMEL Corporation ATR0601 Datasheet HTML 2Page - ATMEL Corporation ATR0601 Datasheet HTML 3Page - ATMEL Corporation ATR0601 Datasheet HTML 4Page - ATMEL Corporation ATR0601 Datasheet HTML 5Page - ATMEL Corporation ATR0601 Datasheet HTML 6Page - ATMEL Corporation ATR0601 Datasheet HTML 7Page - ATMEL Corporation ATR0601 Datasheet HTML 8Page - ATMEL Corporation ATR0601 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
4866A–GPS–08/05
ATR0601 [Preliminary]
3.7
VGA/AGC
The output of the IF-Filter drives an on-chip Variable Gain Amplifier (VGA) which is combined
with additional low-pass filtering. The on-chip Automatic Gain Control (AGC) stage sets the gain
of the VGA in order to optimally charge the input of the following analog-to-digital converter. The
AGC control loop can be selected for on-chip closed loop operation or for external gain control
mode. For external gain control mode, the loop needs to be closed by the baseband IC
ATR0621.
3.8
A/D Converter
The analog-to-digital converter stage has a total resolution of 1.5 bit. It comprises balanced com-
parators and a sub sampling unit, clocked by the reference frequency (f
XTO). The frequency
spectrum of the digital output signal (f
OUT), present at the data outputs SL and SH, is then given
by: f
OUT = ⏐ fIF – fXTO × n⏐ . The selected sub sampling factor (n = 4) leads to the designated
digital output signal, with a centre frequency given by:
f
OUT = fIF – fXTO × 4 = 96.764 MHz – 23.104 MHz – 4 = 4.348 MHz.
3.9
Clock and Data Driver
CMOS output drivers are providing sign and magnitude bits as well as the system clock to the
baseband IC ATR0621. The rail-to-rail output signal level is determined by the digital supply volt-
age (VDIG).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com