Electronic Components Datasheet Search
  English  ▼

X  

TMDP0200 Datasheet(PDF) 29 Page - TEKTRONIX, INC.

Part # TMDP0200
Description  Mixed Domain Oscilloscopes
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TMDP0200 Datasheet(HTML) 29 Page - TEKTRONIX, INC.

Back Button TMDP0200 Datasheet HTML 25Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 26Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 27Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 28Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 29Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 30Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 31Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 32Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 33Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Random vibration
Non-operating:
2.46 GRMS, 5-500 Hz, 10 minutes per axis, 3 axes, 30 minutes total
Operating:
0.31 GRMS, 5-500 Hz, 10 minutes per axis, 3 axes, 30 minutes total
Meets IEC60068 2-64 and MIL-PRF-28800 Class 3
Shock
Operating:
50 G, 1/2 sine, 11 ms duration, 3 drops in each direction of each axis, total of 18 shocks
Meets IEC 60068 2-27 and MIL-PRF-28800 Class 3
Non-operating
50 G, 1/2 sine, 11 ms duration, 3 drops in each direction of each axis, total of 18 shocks
Exceeds MIL-PRF-28800F
Acoustic noise emission
Sound power level
38 dBA - 40 dBA typical in accordance with ISO 9296
Ordering information
Use the following steps to select the appropriate instrument and options for your measurement needs.
Step 1 Choose the 3 Series MDO base model
3 Series MDO family
MDO32
Mixed Domain Oscilloscope with (2) analog channels, (1) auxiliary trigger input, (1) spectrum analyzer input, and (1) logic analyzer
input
MDO34
Mixed Domain Oscilloscope with (4) analog channels, (1) spectrum analyzer input, and (1) logic analyzer input
Standard accessories
Probes
350 MHz, 500 MHz and 1 GHz
models
TPP0500B, 500 MHz bandwidth, 10X, 3.9 pF. One passive voltage probe per analog channel
100 MHz and 200 MHz models
TPP0250, 250 MHz bandwidth, 10X, 3.9 pF. One passive voltage probe per analog channel
Any model with 3-MSO option
One P6316 16-channel logic probe and accessories
Accessories
071-3608-00
Installation and Safety Instructions, printed manual (translated in English, Japanese, and Simplified Chinese)
016-2144-xx
Accessory bag
-
Power cord
-
OpenChoice® Desktop Software available for download from www.tek.com/software/downloads.
-
Calibration certificate documenting traceability to National Metrology Institute(s) and ISO9001 quality system registration
Warranty
Three-year warranty covering all parts and labor on the 3 Series MDO instrument. One-year warranty covering all parts and labor on included probes.
3 Series MDO
www.tek.com 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com