Electronic Components Datasheet Search
  English  ▼

X  

TMDP0200 Datasheet(PDF) 30 Page - TEKTRONIX, INC.

Part # TMDP0200
Description  Mixed Domain Oscilloscopes
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TMDP0200 Datasheet(HTML) 30 Page - TEKTRONIX, INC.

Back Button TMDP0200 Datasheet HTML 26Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 27Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 28Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 29Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 30Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 31Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 32Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 33Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 34Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
Step 2 Configure your 3 Series MDO by adding options
Instrument options
All 3 Series MDO instruments can be preconfigured from the factory with the following options:
3-AFG
Arbitrary function generator with 13 predefined waveforms and arbitrary waveform generation.
3-MSO
16 digital channels; includes P6316 digital probe and accessories.
3-SA1
Spectrum analyzer; frequency range from 9 kHz to 1 GHz and capture bandwidth to 1 GHz.
3-SA3
Spectrum analyzer; frequency range from 9 kHz to 3 GHz and capture bandwidth to 3 GHz.
3-SEC
Enhanced instrument security to enable password protected control of turning on/off all instrument ports and instrument firmware
update functionality.
Bandwidth options
3-BW-100
100 MHz Bandwidth for analog channels
3-BW-200
200 MHz Bandwidth for analog channels
3-BW-350
350 MHz Bandwidth for analog channels
3-BW-500
500 MHz Bandwidth for analog channels
3-BW-1000
1 GHz Bandwidth for analog channels
Power cord and plug options
Opt. A0
North America power plug (115 V, 60 Hz)
Opt. A1
Universal Euro power plug (220 V, 50 Hz)
Opt. A2
United Kingdom power plug (240 V, 50 Hz)
Opt. A3
Australia power plug (240 V, 50 Hz)
Opt. A5
Switzerland power plug (220 V, 50 Hz)
Opt. A6
Japan power plug (100 V, 50/60 Hz)
Opt. A10
China power plug (50 Hz)
Opt. A11
India power plug (50 Hz)
Opt. A12
Brazil power plug (60 Hz)
Opt. A99
No power cord
Localized user interface and online help
The Instrument user interface is localized into eleven languages.
The Instrument help, localized in eleven languages, is included in each product and in pdf format on the Web.
All products are shipped with an Installation and Safety manual that is in English, Japanese, and Simplified Chinese, except instruments ordered with option L99, which
receives no printed manual.
Opt. L99
No manual
Datasheet
30 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com