Electronic Components Datasheet Search
  English  ▼

X  

CAT661ESA Datasheet(PDF) 15 Page - Catalyst Semiconductor

Part # CAT661ESA
Description  High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT661ESA Datasheet(HTML) 15 Page - Catalyst Semiconductor

Back Button CAT661ESA Datasheet HTML 8Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 9Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 10Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 11Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 12Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 13Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 14Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 15Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 16Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
CAT661
15
Doc. No. 5003, Rev. J
8-PAD TDFN (RD8, ZD8)
NOTE:
1. ALL DIMENSIONS ARE IN mm.
ANGLES IN DEGREES.
2. COPLANARITY APPLIES TO THE
EXPOSED PAD AS WELL AS
THE TERMINALS.
COPLANARITY SHALL NOT
EXCEED 0.08mm.
3. WARPAGE SHALL NOT
EXCEED 0.10mm.
4. PACKAGE LENGTH/PACKAGE
WIDTH ARE CONSIDERED AS
SPECIAL CHARACTERISTIC. (S)
0.75+0.05
A
B
5
8
1
PIN 1
INDEX AREA
4.00+0.10
(S)
4
0.0-0.05
0.20 REF.
C
5
DAP SIZE 3.5 X 2.4
8
0.10 MAX TYP.
0.15
0.15
0.20
0.80 TYP. (6x)
2.40 REF. (2x)
0.30+0.05 (8x)
0.50+0.10 (8x)
0.20
PIN 1 ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com