Electronic Components Datasheet Search
  English  ▼

X  

DSC1103 Datasheet(PDF) 7 Page - Microchip Technology

Part # DSC1103
Description  Low-Jitter Precision LVDS Oscillator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1103 Datasheet(HTML) 7 Page - Microchip Technology

Back Button DSC1103 Datasheet HTML 3Page - Microchip Technology DSC1103 Datasheet HTML 4Page - Microchip Technology DSC1103 Datasheet HTML 5Page - Microchip Technology DSC1103 Datasheet HTML 6Page - Microchip Technology DSC1103 Datasheet HTML 7Page - Microchip Technology DSC1103 Datasheet HTML 8Page - Microchip Technology DSC1103 Datasheet HTML 9Page - Microchip Technology DSC1103 Datasheet HTML 10Page - Microchip Technology DSC1103 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
 2017-2018 Microchip Technology Inc.
DS20005745B-page 7
DSC1103/23
4.0
TERMINATION SCHEME
FIGURE 4-1:
Typical Termination Scheme.
5.0
OUTPUT WAVEFORM
FIGURE 5-1:
Output Waveform.
VDD
0.1uF
100
100
2
34
5
6
VIL
1/
f o
Output
Enable
tDA
tEN
tF
tR
VIH
80%
20%
50%
Output
830 mv
350 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com