Electronic Components Datasheet Search
  English  ▼

X  

CMD245 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD245
Description  6-18 GHz Low Phase Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD245 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD245 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD245 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD245 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD245 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD245 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD245 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD245 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD245 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD245 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD245 is a wideband GaAs MMIC low
phase noise amplifier ideally suited for mili-
tary, space and communications systems. At
10 GHz the device delivers 18 dB of gain, a
saturated output power of +21 dBm and a noise
figure of 3 dB. Also with an input signal of 10
GHz the amplifier provides low phase noise
performance of -165 dBc/Hz at 10 kHz offset.
The CMD245 is a 50 ohm matched design
which eliminates the need for RF port match-
ing. The CMD245 offers full passivation for
increased reliability and moisture protection.
► Wide bandwidth
► Low phase noise
► Low current consumption
► Small die size
Electrical Performance - Vdd = 5.0 V, Vgg = 3.0V, TA = 25
oC, F=10 GHz
Features
Description
Functional Block Diagram
Parameter
Min
Typ
Max
Units
Frequency Range
5 - 20
GHz
Gain
18
dB
Input Return Loss
10
dB
Output Return Loss
15
dB
Noise Figure
3
dB
Output P1dB
18
dBm
Saturated Output Power
21
dBm
Phase Noise @ 10 kHz Offset
-165
dBc/Hz
Supply Current
76
mA
CMD245
CMD245
CMD245
6-18 GHz Low Phase Noise Amplifier
ver 1.1 1116
1
2
3
4
RFIN
RFOUT
Vgg
Vdd


Similar Part No. - CMD245

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD245 QORVO-CMD245 Datasheet
305Kb / 10P
6-18 GHz Low Phase Noise Amplifier
logo
Crydom Inc.,
CMD2450 CRYDOM-CMD2450 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
CMD2450 CRYDOM-CMD2450 Datasheet
580Kb / 5P
Panel Mount
logo
Custom MMIC Design Serv...
CMD245C4 MMIC-CMD245C4 Datasheet
255Kb / 10P
6-18 GHz Low Phase Noise Amplifier
logo
Qorvo, Inc
CMD245C4 QORVO-CMD245C4 Datasheet
250Kb / 10P
6-18 GHz Low Phase Noise Amplifier
More results

Similar Description - CMD245

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CLA-18-6004 TELEDYNE-CLA-18-6004 Datasheet
898Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
CLA-18-6005 TELEDYNE-CLA-18-6005 Datasheet
896Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
CLA-18-6006 TELEDYNE-CLA-18-6006 Datasheet
896Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
CLA-18-6007 TELEDYNE-CLA-18-6007 Datasheet
896Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
TLA-18-6004 TELEDYNE-TLA-18-6004 Datasheet
893Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
TLA-18-6005 TELEDYNE-TLA-18-6005 Datasheet
891Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
TLA-18-6006 TELEDYNE-TLA-18-6006 Datasheet
891Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
logo
Custom MMIC Design Serv...
CMD245C4 MMIC-CMD245C4 Datasheet
255Kb / 10P
6-18 GHz Low Phase Noise Amplifier
logo
Qorvo, Inc
CMD245C4 QORVO-CMD245C4 Datasheet
250Kb / 10P
6-18 GHz Low Phase Noise Amplifier
CMD245 QORVO-CMD245 Datasheet
305Kb / 10P
6-18 GHz Low Phase Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com