Electronic Components Datasheet Search
  English  ▼

X  

CMD245 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD245
Description  6-18 GHz Low Phase Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD245 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD245 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD245 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD245 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD245 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD245 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD245 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD245 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD245 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD245 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
CMD245
CMD245
CMD245
6-18 GHz Low Phase Noise Amplifier
ver 1.1 1116
Parameter
Min
Typ
Max
Units
Vdd
3.0
5.0
7.0
V
Idd
76
mA
Vgg
0
3.0
4.0
V
Operation of this device outside the maximum
ratings may cause permanent damage.
Electrical performance is measured at specific
test conditions. Electrical specifications are not
guaranteed over all recommended operating con-
ditions.
Absolute Maximum Ratings
Recommended Operating Conditions
Electrical Specifications, Vdd = 5.0 V, Vgg = 3.0 V, TA = 25
oC
Specifications
Parameter
Rating
Drain Voltage, Vdd
8.0 V
RF Input Power
+17 dBm
Channel Temperature, Tch
150 °C
Power Dissipation, Pdiss
602 mW
Thermal Resistance
108 °C/W
Operating Temperature
-55 to 85 °C
Storage Temperature
-55 to 150 °C
Gate Voltage, Vgg
5.0 V
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range
6 - 12
12 - 18
GHz
Gain
15
18.5
21.5
14
18
21.5
dB
Noise Figure
3
4
dB
Input Return Loss
10
15
dB
Output Return Loss
15
12
dB
Output P1dB
15
19
11
16
dBm
Output IP3
29
29
dBm
Supply Current
53
76
100
53
76
100
mA
Saturated Output Power
21
20
dBm
Phase Noise @ 10 kHz Offset
-165
-165
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com