Electronic Components Datasheet Search
  English  ▼

X  

CMD246 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD246
Description  8-22 GHz Low Phase Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD246 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD246 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD246 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD246 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD246 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD246 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD246 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD246 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD246 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD246 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD246 is a wideband GaAs MMIC low
phase noise amplifier ideally suited for mili-
tary, space and communications systems. At
16 GHz the device delivers 17 dB of gain, a
saturated output power of +18 dBm and a noise
figure of 3.5 dB. Also with an input signal of
10 GHz the amplifier provides low phase noise
performance of -165 dBc/Hz at 10 kHz offset.
The CMD246 is a 50 ohm matched design
which eliminates the need for RF port match-
ing. The CMD246 offers full passivation for
increased reliability and moisture protection.
► Wide bandwidth
► Low phase noise
► Low current consumption
► Small die size
Electrical Performance - Vdd = 5.0 V, Vgg = 3.0V, TA = 25
oC, F=16 GHz
Features
Description
Functional Block Diagram
Parameter
Min
Typ
Max
Units
Frequency Range
8 - 25
GHz
Gain
17
dB
Input Return Loss
8
dB
Output Return Loss
13
dB
Noise Figure
3.5
dB
Supply Current
48
mA
Output P1dB
13
dBm
Saturated Output Power
18
dBm
Phase Noise @ 10 kHz Offset
-165
dBc/Hz
CMD246
CMD246
CMD246
8-22 GHz Low Phase Noise Amplifier
ver 1.1 1116
1
2
3
4
RFIN
RFOUT
Vdd
Vgg


Similar Part No. - CMD246

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD246 QORVO-CMD246 Datasheet
298Kb / 10P
8-22 GHz Low Phase Noise Amplifier
logo
Custom MMIC Design Serv...
CMD246C4 MMIC-CMD246C4 Datasheet
268Kb / 10P
8-22 GHz Low Phase Noise Amplifier
logo
Qorvo, Inc
CMD246C4 QORVO-CMD246C4 Datasheet
263Kb / 10P
8-22 GHz Low Phase Noise Amplifier
More results

Similar Description - CMD246

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TLA-8-2013 TELEDYNE-TLA-8-2013 Datasheet
892Kb / 2P
Low Noise Amplifier 2 GHz - 8 GHz
TLA-8-2014 TELEDYNE-TLA-8-2014 Datasheet
890Kb / 2P
Low Noise Amplifier 2 GHz - 8 GHz
TLA-8-2015 TELEDYNE-TLA-8-2015 Datasheet
890Kb / 2P
Low Noise Amplifier 2 GHz - 8 GHz
logo
TriQuint Semiconductor
QPA2628 TRIQUINT-QPA2628 Datasheet
1Mb / 14P
22 ??32 GHz GaAs Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD246C4 MMIC-CMD246C4 Datasheet
268Kb / 10P
8-22 GHz Low Phase Noise Amplifier
logo
Marki Microwave
APM-7098SM MARKIMICROWAVE-APM-7098SM Datasheet
1Mb / 13P
0.1-22 GHz Surface Mount Low Phase Noise Amplifier
logo
Qorvo, Inc
CMD246C4 QORVO-CMD246C4 Datasheet
263Kb / 10P
8-22 GHz Low Phase Noise Amplifier
CMD246 QORVO-CMD246 Datasheet
298Kb / 10P
8-22 GHz Low Phase Noise Amplifier
logo
Analog Devices
HMC-C079 AD-HMC-C079 Datasheet
1,003Kb / 6P
ULTRA LOW PHASE NOISE AMPLIFIER MODULE, 3 - 8 GHz
logo
Teledyne Technologies I...
TDLNA2626SEP TELEDYNE-TDLNA2626SEP Datasheet
1Mb / 10P
17-22 GHz Low Noise Amplifier
06-2023 Rev 0.7a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com