Electronic Components Datasheet Search
  English  ▼

X  

CMD246 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD246
Description  8-22 GHz Low Phase Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD246 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD246 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD246 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD246 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD246 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD246 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD246 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD246 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD246 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD246 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
CMD246
CMD246
CMD246
8-22 GHz Low Phase Noise Amplifier
ver 1.1 1116
Parameter
Min
Typ
Max
Units
Vdd
3.0
5.0
7.0
V
Idd
48
mA
Vgg
0
3.0
4.0
V
Operation of this device outside the maximum
ratings may cause permanent damage.
Electrical performance is measured at specific
test conditions. Electrical specifications are not
guaranteed over all recommended operating con-
ditions.
Absolute Maximum Ratings
Recommended Operating Conditions
Electrical Specifications, Vdd = 5.0 V, Vgg = 3.0 V, TA = 25
oC
Specifications
Parameter
Rating
Drain Voltage, Vdd
8.0 V
RF Input Power
+15 dBm
Channel Temperature, Tch
150 °C
Power Dissipation, Pdiss
422 mW
Thermal Resistance
154 °C/W
Operating Temperature
-55 to 85 °C
Storage Temperature
-55 to 150 °C
Gate Voltage, Vgg
5.0 V
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range
8 - 16
16 - 22
GHz
Gain
14
17
21
14
18
21
dB
Noise Figure
3.5
4.5
dB
Input Return Loss
10
10
dB
Output Return Loss
10
10
dB
Output P1dB
10
16
6
12
dBm
Output IP3
25
24
dBm
Supply Current
33
48
63
33
48
63
mA
Saturated Output Power
20
15
dBm
Phase Noise @ 10 kHz Offset
-165
-165
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com