Electronic Components Datasheet Search
  English  ▼

X  

CMD264 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD264
Description  6-18 GHz Low Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD264 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD264 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD264 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD264 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD264 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD264 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD264 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD264 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD264 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD264 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD264 is a broadband MMIC low noise
amplifier ideally suited for EW and communi-
cations systems where small size and low
power consumption are needed. The broadband
device delivers greater than 25 dB of gain with
a corresponding output 1 dB compression point
of +10 dBm and a noise figure of 1.6 dB. The
CMD264 is a 50 ohm matched design eliminat-
ing the need for external DC blocks and RF
port matching. The CMD264 amplifier is the
perfect alternative to costly hybrid amplifiers.
Ultra low noise figure
High gain broadband performance
Single supply voltage: +3.0 V @ 63 mA
Small die size
Electrical Performance – Vdd = 3.0 V, TA = 25
oC
Features
Description
Functional Block Diagram
Parameter
Min
Typ
Max
Units
Frequency Range
GHz
Gain
26
dB
Noise Figure
1.6
dB
Input Return Loss
10
dB
Output Return Loss
14
dB
Output P1dB
11
dBm
Supply Current
63
mA
6 – 18
ver 1.0 0517
1
3
2
RFIN
RFOUT
Vdd
CMD264
6-18 GHz Low Noise Amplifier


Similar Part No. - CMD264

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD264 QORVO-CMD264 Datasheet
571Kb / 10P
6-18 GHz Low Noise Amplifier
logo
Visual Communications C...
CMD264-3EGW VCC-CMD264-3EGW Datasheet
62Kb / 1P
Super Brite Bi-Color LED Lamps
CMD264-3EYW VCC-CMD264-3EYW Datasheet
62Kb / 1P
Super Brite Bi-Color LED Lamps
CMD264-3GD-HV12 VCC-CMD264-3GD-HV12 Datasheet
80Kb / 1P
Resistored LED Lamps
CMD264-3GD-HV5 VCC-CMD264-3GD-HV5 Datasheet
80Kb / 1P
Resistored LED Lamps
More results

Similar Description - CMD264

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CLA-18-6004 TELEDYNE-CLA-18-6004 Datasheet
898Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
CLA-18-6005 TELEDYNE-CLA-18-6005 Datasheet
896Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
CLA-18-6006 TELEDYNE-CLA-18-6006 Datasheet
896Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
CLA-18-6007 TELEDYNE-CLA-18-6007 Datasheet
896Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
TLA-18-6004 TELEDYNE-TLA-18-6004 Datasheet
893Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
TLA-18-6005 TELEDYNE-TLA-18-6005 Datasheet
891Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
TLA-18-6006 TELEDYNE-TLA-18-6006 Datasheet
891Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
TLA-18-6007 TELEDYNE-TLA-18-6007 Datasheet
891Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
logo
Custom MMIC Design Serv...
CMD157 MMIC-CMD157 Datasheet
214Kb / 9P
6-18 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD264P3 QORVO-CMD264P3_V01 Datasheet
362Kb / 11P
6-18 GHz Low Noise Amplifier
November 4, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com