Electronic Components Datasheet Search
  English  ▼

X  

CMD264 Datasheet(PDF) 3 Page - Custom MMIC Design Services, Inc.

Part # CMD264
Description  6-18 GHz Low Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD264 Datasheet(HTML) 3 Page - Custom MMIC Design Services, Inc.

  CMD264 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD264 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD264 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD264 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD264 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD264 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD264 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD264 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD264 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
Typical Performance
Broadband Performance, Vdd = 3.0 V, Idd = 63 mA, TA = 25
oC
Narrow-band Performance, Vdd = 3.0 V, Idd = 63 mA, TA = 25
oC
ver 1.0 0517
CMD264
6-18 GHz Low Noise Amplifier
-20
-15
-10
-5
0
5
10
15
20
25
30
35
0
2
4
6
8
10
12
14
16
18
20
22
24
Frequency/GHz
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
S11
S21
S22
NF
-20
-15
-10
-5
0
5
10
15
20
25
30
35
6
8
10
12
14
16
18
Frequency/GHz
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
S11
S21
S22
NF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com