Electronic Components Datasheet Search
  English  ▼

X  

TMDP0200 Datasheet(PDF) 4 Page - TEKTRONIX, INC.

Part # TMDP0200
Description  Mixed Signal Oscilloscopes
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TMDP0200 Datasheet(HTML) 4 Page - TEKTRONIX, INC.

  TMDP0200 Datasheet HTML 1Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 2Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 3Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 4Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 5Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 6Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 7Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 8Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Digital phosphor technology
The MSO/DPO2000B Series' digital phosphor technology provides you with
fast insight into the real operation of your device. Its waveform capture rate
of 5,000 wfm/s gives you a high probability of quickly seeing the infrequent
problems common in digital systems: runt pulses, glitches, timing issues,
and more.
Waveforms are superimposed with one another and waveform points that
occur more frequently are intensified. This quickly highlights the events that
over time occur more often or, in the case of infrequent anomalies, occur
less often.
With the MSO/DPO2000B Series, you can choose infinite persistence or
variable persistence, determining how long the previous waveform
acquisitions stay on-screen. This allows you to determine how often an
anomaly is occurring.
Digital phosphor technology enables a 5,000 wfm/s waveform capture rate and real-time
intensity grading on the MSO/DPO2000B Series.
Mixed signal design and analysis (MSO
series)
The MSO2000B Series Mixed Signal Oscilloscopes provide 16 digital
channels. These channels are tightly integrated into the oscilloscope's user
interface, simplifying operation and making it possible to solve mixed-signal
issues easily.
The MSO Series provides 16 integrated digital channels enabling you to view and
analyze time-correlated analog and digital signals.
Color-coded digital waveform display
The MSO2000B Series has redefined the way you view digital waveforms.
One common problem shared by both logic analyzers and mixed-signal
oscilloscopes is determining if data is a one or a zero when zoomed in far
enough that the digital trace stays flat all the way across the display. The
MSO2000B Series has color-coded digital traces, displaying ones in green
and zeros in blue.
With the color-coded digital waveform display, groups are created by simply placing
digital channels together on the screen, allowing the digital channels to be moved as a
group. You can set threshold values for each pod of eight channels, enabling support for
up to two different logic families.
White edges indicate additional information is available by acquiring at a higher sample
rate.
The multiple transition detection hardware of the MSO2000B Series will
show you a white edge on the display when the system detects multiple
transitions. This acts as a visual reminder that increasing the sample rate
on the next acquisition will reveal higher frequency information than your
previous settings could acquire.
The MSO2000B Series simplifies channel setup by allowing you to group
digital waveforms and enter waveform labels by using a USB keyboard. By
simply placing digital waveforms next to each other, they form a group.
Once a group is formed, you can position all the channels contained in that
group collectively. This greatly reduces the normal setup time associated
with positioning channels individually.
Datasheet
4 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com