Electronic Components Datasheet Search
  English  ▼

X  

TMDP0200 Datasheet(PDF) 13 Page - TEKTRONIX, INC.

Part # TMDP0200
Description  Mixed Signal Oscilloscopes
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TMDP0200 Datasheet(HTML) 13 Page - TEKTRONIX, INC.

Back Button TMDP0200 Datasheet HTML 9Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 10Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 11Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 12Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 13Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 14Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 15Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 16Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 17Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
EMC, environment, and safety
Temperature
Operating
0 ºC to +50 ºC (+32 ºF to 122 ºF)
Nonoperating
-40 ºC to +71 ºC (-40 ºF to 160 ºF)
Humidity
Operating
High: 30 ºC to 50 ºC, 5% to 60% relative humidity
Low: 0 ºC to 30 ºC, 5% to 95% relative humidity
Nonoperating
High: 30 ºC to 55 ºC, 5%to 60% relative humidity
Low: 0 ºC to 30 ºC, 5% to 95% relative humidity
Altitude
Operating
3,000 meters (9,843 feet)
Nonoperating
12,000 meters (39,370 feet)
Random vibration
Operating
0.31 GRMS from 5 to 500 Hz, 10 minutes each axis, 3 axes, 30 minutes total
Nonoperating
2.46 GRMS from 5 to 500 Hz, 10 minutes each axis, 3 axes, 30 minutes total
Regulatory
Electromagnetic compatibility EC Council Directive 2004/108/EC
Safety
UL61010-1:2004; CAN/CSA-C22.2 No. 61010.1: 2004; EN61010-1:2001; complies with the Low Voltage Directive 2004/108/EC for
Product Safety.
MSO/DPO2000B Series Mixed Signal Oscilloscope
www.tek.com 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com