Electronic Components Datasheet Search
  English  ▼

X  

AD5379 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5379
Description  40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5379 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5379 Datasheet HTML 8Page - Analog Devices AD5379 Datasheet HTML 9Page - Analog Devices AD5379 Datasheet HTML 10Page - Analog Devices AD5379 Datasheet HTML 11Page - Analog Devices AD5379 Datasheet HTML 12Page - Analog Devices AD5379 Datasheet HTML 13Page - Analog Devices AD5379 Datasheet HTML 14Page - Analog Devices AD5379 Datasheet HTML 15Page - Analog Devices AD5379 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD5379
Rev. 0 | Page 12 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
456
789
10 11 12
12
3
456
789
10 11 12
A
B
C
D
E
F
G
H
J
K
L
M
A
B
C
D
E
F
G
H
J
K
L
M
AD5379
TOP VIEW
Figure 7. Pin Configuration
Table 7. 108-Lead CSPBGA Ball Configuration
CSPBGA
Number
Ball Name
A1
REG0
A2
VCC3
A3
DB10
A4
AGND4
A5
VBIAS
A6
VOUT5
A7
AGND3
A8
REFGNDA1
A9
VDD5
A10
VSS5
A11
VSS4
A12
VDD4
B1
REG1
B2
DGND4
B3
DB9
B4
CLR
B5
VOUT7
B6
VOUT6
B7
VOUT0
B8
VOUT1
B9
VOUT2
B10
VOUT31
B11
REFGNDD1
B12
VOUT30
C1
DB13
C2
DB12/SCLK
C3
DB11/DIN
CSPBGA
Number
Ball Name
C4
SER/PAR1
C5
LDAC
C6
VOUT8
C7
VOUT3
C8
VOUT4
C9
VOUT9
C10
VOUT34
C11
VOUT32
C12
VOUT33
D1
DB7
D2
DB8
D3
DGND1
D10
VREF1(−)
D11
VOUT35
D12
VOUT36
E1
DB5
E2
DB6
E3
VCC1
E10
REFGNDB2
E11
VOUT37
E12
VOUT38
F1
DB4
F2
DB3
F3
DB2
F10
VDD3
F11
REFGNDD2
F12
VOUT39
CSPBGA
Number
Ball Name
G1
DB1
G2
DB0
G3
BUSY
G10
VSS3
G11
VOUT29
G12
REFGNDC2
H1
WR/DCEN
H2
SDO3
H3
CS/SYNC
H10
VOUT28
H11
VOUT26
H12
VOUT27
J1
A0
J2
A1
J3
A2
J10
VOUT19
J11
VOUT24
J12
VOUT25
K1
A4
K2
A5
K3
A3
K4
DGND2
K5
REFGNDA2
K6
VREF2(−)
K7
VOUT12
K8
VOUT13
K9
VOUT16
CSPBGA
Number
Ball Name
K10
VOUT18
K11
VOUT22
K12
VOUT23
L1
A7
L2
A6
L3
N/C2
L4
RESET3
L5
VOUT17
L6
AGND2
L7
VOUT14
L8
VOUT10
L9
VDD1
L10
VREF2(+)
L11
VOUT20
L12
VOUT21
M1
DGND3
M2
VCC2
M3
FIFOEN1
M4
AGND1
M5
VOUT15
M6
VOUT11
M7
REFGNDB1
M8
VREF1(+)
M9
VSS1
M10
VSS2
M11
VDD2
M12
REFGNDC1
1 Internal 1 MΩ pull-down device on this logic input. Therefore, it can be left floating and defaults to a logic low condition.
2 N/C—Do not connect to this pin. Internal active pull-up device on these logic inputs. They default to a logic high condition.
3 Internal 1 MΩ pull-up device on this logic input. Therefore, it can be left floating and defaults to a logic high condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com