Electronic Components Datasheet Search
  English  ▼

X  

CMD280 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD280
Description  DC-30 GHz 5-bit Digital Attenuator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD280 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD280 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD280 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD280 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD280 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD280 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD280 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD280 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD280 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD280 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD280 is negative controlled, wideband
GaAs MMIC 5-bit digital attenuator die which
operates from DC to 30 GHz. Each bit of the
attenuator is controlled by a single voltage of
either 0 V or –5 V. The attenuator bit values are
0.5 (LSB), 1, 2, 4, and 8 dB, for a total
attenuation of 15.5 dB. The CMD280 has a low
insertion loss of 3 dB at 10 GHz and the
attenuation accuracy is typically 0.1 dB step
error. The CMD280 is a 50 ohm matched design
which eliminates the need for RF port matching.
The
CMD280
offers
full
passivation
for
increased reliability and moisture protection.
► Ultra wideband performance
► Low insertion loss
► Wide attenuation range
► Small die size
Electrical Performance – Vee = -5 V, Vctl = 0 / -5 V, TA = 25
oC, F = 10 GHz
Features
Description
Functional Block Diagram
ver 1.0 0418
Parameter
Min
Typ
Max
Units
Frequency Range
DC – 30
GHz
Insertion Loss
3
dB
Attenuation Range
15.5
dB
Input Return Loss
15
dB
Output Return Loss
15
dB
Input P0.1dB
24
dBm
Input IP3
42
dBm
Switching Speed
25
ns
CMD280
DC-30 GHz 5-bit Digital Attenuator
1
8
RF1
Vee
P0
P1
P2
P3
P4
7
6
5
4
3
2
RF2


Similar Part No. - CMD280

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD280C3 MMIC-CMD280C3 Datasheet
382Kb / 11P
DC-18 GHz 5-bit Digital Attenuator
More results

Similar Description - CMD280

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-232 MACOM-AT-232 Datasheet
227Kb / 3P
Digital Attenuator, 30 dB, 4-Bit, DC - 2 GHz
MADA2030G MACOM-MADA2030G Datasheet
98Kb / 2P
5-Bit GaAs Digital Attenuator DC - 2 GHz
AT-280 MACOM-AT-280_1 Datasheet
184Kb / 3P
Digital Attenuator, 15.5dB,5-Bit,DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT-220 MA-COM-AT-220 Datasheet
72Kb / 3P
Digital Attenuator, 30 dB, 4-Bit DC - 2.0 GHz
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
Digital Attenuator, 30 dB, 4-Bit DC - 2.0 GHz
MADA2030G MA-COM-MADA2030G Datasheet
71Kb / 4P
5-Bit GaAs Digital Attenuator DC- 2.0 GHz
logo
Custom MMIC Design Serv...
CMD279 MMIC-CMD279 Datasheet
432Kb / 11P
2-30 GHz 5-bit Digital Attenuator
CMD280C3 MMIC-CMD280C3 Datasheet
382Kb / 11P
DC-18 GHz 5-bit Digital Attenuator
logo
Qorvo, Inc
CMD325 QORVO-CMD325 Datasheet
437Kb / 12P
DC-30 GHz 6-bit Digital Attenuator
CMD324 QORVO-CMD324 Datasheet
312Kb / 10P
DC-30 GHz 2-bit Digital Attenuator
May 27, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com