Electronic Components Datasheet Search
  English  ▼

X  

CMD280 Datasheet(PDF) 3 Page - Custom MMIC Design Services, Inc.

Part # CMD280
Description  DC-30 GHz 5-bit Digital Attenuator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD280 Datasheet(HTML) 3 Page - Custom MMIC Design Services, Inc.

  CMD280 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD280 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD280 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD280 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD280 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD280 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD280 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD280 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD280 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
Electrical Specifications, Vee = -5 V, Vctl = 0/-5 V, TA = 25 °C
Specifications
ver 1.0 0418
CMD280
DC-30 GHz 5-bit Digital Attenuator
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range
DC – 18
18 – 30
GHz
Insertion Loss
2.8
3.8
3.7
4.7
dB
Attenuation Range
15.5
15.5
dB
Attenuation Accuracy
0.5 - 7.5 dB States
8 - 15.5 dB States
± 0.3 Max
± 0.5 Max
± 0.4 Max
± 0.3 + 6% of Atten. Setting Max
Input Return Loss
15
15
dB
Output Return Loss
15
15
dB
Input P0.1 dB
24
24
dBm
Input IP3
42
42
dBm
dB
dB
Note: Specification applies to major states



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com