Electronic Components Datasheet Search
  English  ▼

X  

CMD293 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD293
Description  20-45 GHz Driver Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD293 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD293 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD293 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD293 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD293 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD293 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD293 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD293 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD293 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD293 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD293 is a wideband medium power
GaAs MMIC driver amplifier ideally suited for
military, space and communications systems
where small size and high linearity are needed.
At 30 GHz the device delivers 20 dB of gain
with a corresponding output 1 dB compression
point of +26 dBm and noise figure of 6 dB.
The
CMD293
integrates
a
temperature
compensated RF power detection circuit that
enables power detection at 0.7 V/W at 30 GHz.
The device is a 50 ohm matched design which
eliminates the need for external DC blocks and
RF port matching. The CMD293 offers full
passivation
for
increased
reliability
and
moisture protection.
► Wide bandwidth
► High gain
► High linearity
► Integrated RF power detector
► AMMC-6345 replacement
► Small die size
Electrical Performance - Vdd = 5.0 V, Idd = 480 mA, TA = 25
oC, F = 30 GHz
Features
Description
Functional Block Diagram
ver 1.1 1018
Parameter
Min
Typ
Max
Units
Frequency Range
GHz
Gain
20
dB
Noise Figure
6
dB
Input Return Loss
20
dB
Output Return Loss
25
dB
Output P1dB
26
dBm
Supply Current
480
mA
20 - 45
Output IP3
31.5
dBm
CMD293
20-45 GHz Driver Amplifier
RFIN
RFOUT
Vgg1
Vdd1
Vdet
Vref
Vgg2
Vdd2


Similar Part No. - CMD293

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD293 QORVO-CMD293 Datasheet
338Kb / 14P
20-45 GHz Driver Amplifier
More results

Similar Description - CMD293

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-6345 HP-AMMC-6345 Datasheet
398Kb / 10P
20 - 45 GHz Driver Amplifier
logo
TriQuint Semiconductor
TGA4521 TRIQUINT-TGA4521 Datasheet
177Kb / 9P
32 - 45 GHz Wide Band Driver Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6345 AVAGO-AMMC-6345 Datasheet
520Kb / 10P
20 - 45 GHz Driver Amplifier
AMMC-5040 AVAGO-AMMC-5040 Datasheet
373Kb / 10P
20-45 GHz GaAs Amplifier
AMMC-6345 AVAGO-AMMC-6345_15 Datasheet
222Kb / 11P
20 ??45 GHz Driver Amplifier
logo
Broadcom Corporation.
AMMC-5040 BOARDCOM-AMMC-5040 Datasheet
1Mb / 13P
20-GHz to 45-GHz GaAs Amplifier
AMMC-6345 BOARDCOM-AMMC-6345 Datasheet
222Kb / 11P
20 ??45 GHz Driver Amplifier
logo
Qorvo, Inc
CMD293 QORVO-CMD293 Datasheet
338Kb / 14P
20-45 GHz Driver Amplifier
CMD295 QORVO-CMD295 Datasheet
265Kb / 13P
2-20 GHz Driver Amplifier
CMD295C4 QORVO-CMD295C4_V01 Datasheet
401Kb / 14P
2-20 GHz Driver Amplifier
August 23, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com