Electronic Components Datasheet Search
  English  ▼

X  

CMD293 Datasheet(PDF) 7 Page - Custom MMIC Design Services, Inc.

Part # CMD293
Description  20-45 GHz Driver Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD293 Datasheet(HTML) 7 Page - Custom MMIC Design Services, Inc.

Back Button CMD293 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD293 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD293 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD293 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD293 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD293 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD293 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. CMD293 Datasheet HTML 10Page - Custom MMIC Design Services, Inc. CMD293 Datasheet HTML 11Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
Psat vs. Temperature, Vdd = 5.0 V
Typical Performance
Psat vs Vdd, Idd = 480 mA, TA = 25
oC
ver 1.1 1018
CMD293
20-45 GHz Driver Amplifier
10
12
14
16
18
20
22
24
26
28
30
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
Frequency/GHz
+25C
+85C
-55C
10
12
14
16
18
20
22
24
26
28
30
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
Frequency/GHz
Vdd=3V
Vdd=4V
Vdd=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com