Electronic Components Datasheet Search
  English  ▼

X  

CMD302C4 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD302C4
Description  DC-20 GHz SP4T Non-reflective Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD302C4 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD302C4 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD302C4 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD302C4 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD302C4 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD302C4 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD302C4 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD302C4 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD302C4 Datasheet HTML 8Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD302C4 is a broadband MMIC
SP4T switch housed in a leadless 4x4 mm
surface mount package.
The CMD302C4
covers DC to 20 GHz and offers a low
insertion loss of 1.8 dB and high isolation of
35 dB at 10 GHz. The switch also includes
an on board binary decoder circuit which
reduces the number of required logic control
lines from four to two.
The CMD302C4
operates
using
complementary
control
voltage logic lines of 0/-5 V and consumes
little DC current.
► Low loss broadband performance
► High isolation
► Non-reflective design
► Integrated 2:4 TTL decoder
► Pb-free RoHs compliant 4x4 SMT package
Electrical Performance - Vctl = 0/-5 V, Vss = -5 V, TA = 25
oC, F = 10 GHz
Features
Description
Functional Block Diagram
Parameter
Min
Typ
Max
Units
Frequency Range
GHz
Insertion Loss
1.8
dB
Isolation
35
dB
Return Loss - On State
17
dB
Return Loss RF1, RF2, RF3, RF4 - Off State
18
dB
Input P0.1dB
21
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
59/2
103/8
ns
ns
DC - 20
ver 1.0 0419
CMD302C4
DC-20 GHz SP4T Non-reflective Switch


Similar Part No. - CMD302C4

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD303 QORVO-CMD303 Datasheet
211Kb / 11P
13-21 GHz Sub-harmonic x2 Mixer
CMD303C3 QORVO-CMD303C3 Datasheet
157Kb / 11P
13-21 GHz Sub-harmonic x2 Mixer
logo
Custom MMIC Design Serv...
CMD304 MMIC-CMD304 Datasheet
322Kb / 16P
DC-67 GHz Distributed Driver Amplifier
logo
Qorvo, Inc
CMD304 QORVO-CMD304 Datasheet
322Kb / 16P
DC-67 GHz Distributed Driver Amplifier
logo
Custom MMIC Design Serv...
CMD305 MMIC-CMD305 Datasheet
229Kb / 12P
6-16 GHz Driver Amplifier
More results

Similar Description - CMD302C4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC244G16 HITTITE-HMC244G16_06 Datasheet
266Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC-C071 HITTITE-HMC-C071 Datasheet
231Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC641LC4 HITTITE-HMC641LC4_09 Datasheet
174Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC182S14 HITTITE-HMC182S14_08 Datasheet
204Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 2 GHz
HMC641LC4_1007 HITTITE-HMC641LC4_1007 Datasheet
403Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC641LP4E HITTITE-HMC641LP4E Datasheet
629Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Custom MMIC Design Serv...
CMD203C4 MMIC-CMD203C4 Datasheet
271Kb / 8P
DC-20 GHz SP4T Non-reflective Switch
CMD203 MMIC-CMD203 Datasheet
220Kb / 8P
DC-20 GHz SP4T Non-reflective Switch
logo
Analog Devices
ADH244S AD-ADH244S Datasheet
149Kb / 7P
DC to 4 GHz SP4T Non-Reflective Switch
HMC641ALC4 AD-HMC641ALC4 Datasheet
466Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com