Electronic Components Datasheet Search
  English  ▼

X  

CMD302C4 Datasheet(PDF) 8 Page - Custom MMIC Design Services, Inc.

Part # CMD302C4
Description  DC-20 GHz SP4T Non-reflective Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD302C4 Datasheet(HTML) 8 Page - Custom MMIC Design Services, Inc.

  CMD302C4 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD302C4 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD302C4 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD302C4 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD302C4 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD302C4 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD302C4 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD302C4 Datasheet HTML 8Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
Evaluation Board
Bill of Material
Applications Information
The circuit board shown has been developed for optimized assembly at Custom MMIC. A sufficient
number of via holes should be used to connect the top and bottom ground planes. As surface mount
processes vary, careful process development is recommended.
CMD302C4
DC-20 GHz SP4T Non-reflective Switch
ver 1.0 0419
Designator
Value
Description
J1 - J5
SMA End Launch Connector
P1
6 Pin Header
C1
0.33 F
Capacitor, Tantalum
C2
1000 pF
Capacitor, 0603
C3
100 pF
Capacitor, 0402
U1
CMD302C4 SP4T Switch
PCB
100795 Evaluation PCB
Please note, all information contained in this data sheet is subject to change without notice.
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions
should be observed during handling, assembly and test.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com