Electronic Components Datasheet Search
  English  ▼

X  

CMD304 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD304
Description  DC-67 GHz Distributed Driver Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD304 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD304 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD304 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD304 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD304 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD304 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD304 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD304 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD304 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD304 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
Parameter
Min
Typ
Max
Units
Vdd
2.0
3.0
5.0
V
Idd
40
mA
Vgg
-0.4
V
Electrical performance is measured at specific
test conditions. Electrical specifications are not
guaranteed over all recommended operating
conditions.
Absolute Maximum Ratings
Recommended Operating Conditions
Electrical Specifications – Vdd = 3.0 V, Idd = 40 mA TA = 25
oC
Specifications
Parameter
Rating
Drain Voltage, Vdd
7 V
Gate Voltage, Vgg
-2.5 V to 0 V
RF Input Power
+15 dBm
Channel Temperature, Tch
150 °C
Power Dissipation, Pdiss
697 mW
Thermal Resistance, Θ JC
93.25 °C/W
Operating Temperature
-55 to 85 °C
Storage Temperature
-55 to 150 °C
ver 1.2 0919
CMD304
DC-67 GHz Distributed Driver Amplifier
Exceeding any one or combination of the maximum ratings
may cause permanent damage to the device.
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range
DC - 30
30 - 50
50 - 67
GHz
Gain
7
9.5
7.5
9.5
7.5
10
dB
Noise Figure
3.5
3.5
dB
Input Return Loss
20
13
14
dB
Output Return Loss
18
18
18
dB
Output P1dB
9
11.5
5
9
dBm
Output Psat
14
12
dBm
Output IP3
22
20
dBm
Supply Current
28
40
52
28
40
52
28
40
52
mA
Gain Temp Coefficient
0.006
0.009
0.015
dB/°C
Noise Figure Temp Coefficient
0.009
0.014
dB/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com