Electronic Components Datasheet Search
  English  ▼

X  

CS61880-IB Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS61880-IB
Description  OCTAL E1 LINE INTERFACE UNIT
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61880-IB Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS61880-IB Datasheet HTML 16Page - Cirrus Logic CS61880-IB Datasheet HTML 17Page - Cirrus Logic CS61880-IB Datasheet HTML 18Page - Cirrus Logic CS61880-IB Datasheet HTML 19Page - Cirrus Logic CS61880-IB Datasheet HTML 20Page - Cirrus Logic CS61880-IB Datasheet HTML 21Page - Cirrus Logic CS61880-IB Datasheet HTML 22Page - Cirrus Logic CS61880-IB Datasheet HTML 23Page - Cirrus Logic CS61880-IB Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
CS61880
20
DS450PP3
TRING2
58
M10
O
Transmit Ring Output Port 2
RTIP2
60
M8
I
Receive Tip Input Port 2
RRING2
61
L8
I
Receive Ring Input Port 2
TTIP3
64
N10
O
Transmit Tip Output Port 3
TRING3
63
P10
O
Transmit Ring Output Port 3
RTIP3
67
P8
I
Receive Tip Input Port 3
RRING3
66
N8
I
Receive Ring Input Port 3
TTIP4
117
B10
O
Transmit Tip Output Port 4
TRING4
118
A10
O
Transmit Ring Output Port 4
RTIP4
120
A8
I
Receive Tip Input Port 4
RRING4
121
B8
I
Receive Ring Input Port 4
TTIP5
124
D10
O
Transmit Tip Output Port 5
TRING5
123
C10
O
Transmit Ring Output Port 5
RTIP5
127
C8
I
Receive Tip Input Port 5
RRING5
126
D8
I
Receive Ring Input Port 5
TTIP6
129
D5
O
Transmit Tip Output Port 6
TRING6
130
C5
O
Transmit Ring Output Port 6
RTIP6
132
C7
I
Receive Tip Input Port 6
RRING6
133
D7
I
Receive Ring Input Port 6
TTIP7
136
B5
O
Transmit Tip Output Port 7
TRING7
135
A5
O
Transmit Ring Output Port 7
RTIP7
139
A7
I
Receive Tip Input Port 7
RRING7
138
B7
I
Receive Ring Input Port 7
SYMBOL
LQFP
FBGA
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com