Electronic Components Datasheet Search
  English  ▼

X  

CS61880-IB Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS61880-IB
Description  OCTAL E1 LINE INTERFACE UNIT
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61880-IB Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS61880-IB Datasheet HTML 24Page - Cirrus Logic CS61880-IB Datasheet HTML 25Page - Cirrus Logic CS61880-IB Datasheet HTML 26Page - Cirrus Logic CS61880-IB Datasheet HTML 27Page - Cirrus Logic CS61880-IB Datasheet HTML 28Page - Cirrus Logic CS61880-IB Datasheet HTML 29Page - Cirrus Logic CS61880-IB Datasheet HTML 30Page - Cirrus Logic CS61880-IB Datasheet HTML 31Page - Cirrus Logic CS61880-IB Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
CS61880
28
DS450PP3
11. JITTER ATTENUATOR
The CS61880 internal jitter attenuators can be
switched into either the receive or transmit paths.
Alternatively, it can be removed from both paths to
reduce the propagation delay.
During Hardware mode operation, the location of
the jitter attenuator for all eight channels are con-
trolled by the JASEL pin (Refer to Table 7 for pin
configurations). The jitter attenuator’s FIFO length
and corner frequency, can not be changed in hard-
ware mode. The FIFO length and corner frequency
are set to 32 bits and 1.25 Hz.
During host mode operation, the location of the jit-
ter attenuator for all eight channels are set by bits 0
and 1 in the Line Length Channel ID Register
(10h) (See Section 14.17 on page 38). This register
(0Fh) also configures the jitter attenuator’s FIFO
length (bit 3) and corner frequency (bit 2).
The attenuator consists of a 64-bit FIFO, a narrow-
band monolithic PLL, and control logic. The jitter
attenuator requires no external crystal. Signal jitter
is absorbed in the FIFO which is designed to nei-
ther overflow nor underflow.
If overflow or underflow is imminent, the jitter
transfer function is altered to ensure that no bit-er-
rors occur. A configuration option is provided to
reduce the jitter attenuator FIFO length from 64
bits to 32 bits in order to reduce propagation delay.
The jitter attenuator -3 dB knee frequency depends
on the settings of the Jitter Attenuator FIFO length
and the Jitter Attenuator Corner Frequency, bits 2
and 3, in the Line Length Channel ID Register
(10h) (See Section 14.17 on page 38)). Setting the
lowest corner frequency guarantees jitter attenua-
tion compliance to European specifications TBR
12/13 and ETS 300 011. The jitter attenuator is also
compliant with ITU-T G.735, G.742, and G.783
(Refer to Figure 18 on page 56 and Figure 19 on
page 57).
Table 7. Jitter Attenuator Configurations
PIN STATE
JITTER ATTENUATOR POSITON
LOW
Transmit Path
HIGH
Receive Path
OPEN
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com