Electronic Components Datasheet Search
  English  ▼

X  

MLC Datasheet(PDF) 5 Page - AVX Corporation

Part # MLC
Description  High Voltage MLC Chips
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

MLC Datasheet(HTML) 5 Page - AVX Corporation

  MLC Datasheet HTML 1Page - AVX Corporation MLC Datasheet HTML 2Page - AVX Corporation MLC Datasheet HTML 3Page - AVX Corporation MLC Datasheet HTML 4Page - AVX Corporation MLC Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
97
Case Size
1825
2220
2225
3640
Soldering
Reflow Only
Reflow Only
Reflow Only
Reflow Only
(L) Length
mm
4.60 ± 0.50
5.70 ± 0.50
5.70 ± 0.50
9.14 ± 0.25
(in.)
(0.181 ± 0.020)
(0.224 ± 0.020)
(0.225 ± 0.010)
(0.360 ± 0.010)
W) Width
mm
6.30 ± 0.40
5.00 ± 0.40
6.30 ± 0.40
10.2 ± 0.25
(in.)
(0.248 ± 0.016)
(0.197 ± 0.016)
(0.250 ± 0.010)
(0.400 ± 0.010)
(T)
Thickness
mm
3.40
3.40
3.40
2.54
(in.)
(0.134)
(0.134)
(0.100)
(0.100)
(t) Terminal mm
0.75 ± 0.35
0.85 ± 0.35
0.85 ± 0.35
0.76 (0.030)
max
(0.030 ± 0.014)
(0.033 ± 0.014)
(0.033 ± 0.014)
1.52 (0.060)
Voltage (V)
600 630 1000 1500 2000 2500 3000 4000 600 630 1000 1500 2000 2500 3000 4000 5000 600 630 1000 1500 2000 2500 3000 4000 5000 600 630 1000 1500 2000 2500 3000 4000 5000
Cap(pF) 100
101
120
121
150
151
180
181
220
221
270
271
330
331
390
391
470
471
560
561
680
681
750
751
820
821
1000
102 F
F
F
F
F
F
F
F
F
F
F
F
F
G
F
F
F
F
F
F
F
G
G
G
G
G
G
G
G
G
1200
122 F
F
F
F
F
F
F
F
F
F
F
F
F
G
F
F
F
F
F
F
F
G
G
G
G
G
G
G
G
G
1500
152 F
F
F
F
F
F
F
F
F
F
F
F
F
G
F
F
F
F
F
F
F
G
G
G
G
G
G
G
G
G
1800
182 F
F
F
F
F
F
F
F
F
F
F
F
F
G
F
F
F
F
F
F
F
G
G
G
G
G
G
G
G
G
2200
222 F
F
F
F
F
F
F
F
F
F
F
F
F
G
F
F
F
F
F
F
F
G
G
G
G
G
G
G
G
G
2700
272 F
F
F
F
F
F
F
F
F
F
F
F
F
G
F
F
F
F
F
F
F
G
G
G
G
G
G
G
G
G
3300
332 F
F
F
F
F
F
F
F
F
F
F
F
F
G
F
F
F
F
F
F
F
G
G
G
G
G
G
G
G
G
3900
392 F
F
F
F
F
F
F
F
F
F
F
F
F
G
F
F
F
F
F
F
F
G
G
G
G
G
G
G
G
4700
472 F
F
F
F
F
F
F
F
F
F
F
F
F
G
F
F
F
F
F
F
F
G
G
G
G
G
G
G
G
5600
562 F
F
F
F
F
F
F
F
F
F
F
F
F
G
F
F
F
F
F
F
F
G
G
G
G
G
G
G
G
6800
682 F
F
F
G
G
G
G
F
F
F
F
F
G
G
F
F
F
F
F
G
G
G
G
G
G
G
G
G
G
8200
822 F
F
F
G
G
G
G
F
F
F
G
G
G
G
F
F
F
F
F
G
G
G
G
G
G
G
G
G
Cap(μF) 0.010
103 F
F
F
G
G
G
G
F
F
F
G
G
G
G
F
F
F
F
F
G
G
G
G
G
G
G
G
G
0.015
153 F
F
F
G
G
G
F
F
F
G
G
G
F
F
F
G
G
G
G
G
G
G
G
G
G
G
0.018
183 F
F
F
G
G
F
F
F
G
G
G
F
F
F
G
G
G
G
G
G
G
G
G
G
0.022
223 F
F
F
G
G
F
F
F
G
G
F
F
F
G
G
G
G
G
G
G
G
G
0.027
273 F
F
F
G
F
F
F
G
G
F
F
F
G
G
G
G
G
G
G
0.033
333 F
F
F
G
F
F
F
G
F
F
F
G
G
G
G
G
G
0.039
393 F
F
F
G
F
F
F
G
F
F
F
G
G
G
G
G
0.047
473 F
F
F
P
F
F
F
G
F
F
F
G
G
G
G
G
0.056
563 F
F
F
G
F
F
F
G
F
F
F
G
G
G
G
G
0.068
683 F
F
G
F
F
G
F
F
F
G
G
G
G
G
0.082
823 F
F
G
F
F
G
F
F
G
G
G
0.100
104 F
F
G
F
F
G
F
F
G
G
G
0.150
154 F
F
F
F
G
F
F
G
G
G
0.220
224 F
F
F
F
G
F
F
G
G
0.270
274 F
F
F
F
F
F
G
G
0.330
334 F
F
F
F
F
F
G
G
0.390
394 F
F
F
F
F
F
G
G
0.470
474 F
F
F
F
F
F
G
G
0.560
564 G
G
G
G
F
F
G
G
0.680
684
G
G
G
G
0.820
824
G
G
1.000
105
Voltage (V)
600 630 1000 1500 2000 2500 3000 4000 600 630 1000 1500 2000 2500 3000 4000 5000 600 630 1000 1500 2000 2500 3000 4000 5000 600 630 1000 1500 2000 2500 3000 4000 5000
Case Size
1825
2220
2225
3640
X7R CAPACITANCE RANGE
PREFERRED SIZES ARE SHADED
Letter
A
C
E
F
G
X
7
Max.
Thickness
0.813
(0.032)
1.448
(0.057)
1.8034
(0.071)
2.2098
(0.087)
2.794
(0.110)
0.940
(0.037)
3.30
(0.130)
NOTE: Contact factory for non-specified capacitance values
High Voltage MLC Chips
For 600V to 5000V Applications
101317



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com