Electronic Components Datasheet Search
  English  ▼

X  

PTH12060LAST Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12060LAST
Description  10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12060LAST Datasheet(HTML) 16 Page - Texas Instruments

Back Button PTH12060LAST Datasheet HTML 12Page - Texas Instruments PTH12060LAST Datasheet HTML 13Page - Texas Instruments PTH12060LAST Datasheet HTML 14Page - Texas Instruments PTH12060LAST Datasheet HTML 15Page - Texas Instruments PTH12060LAST Datasheet HTML 16Page - Texas Instruments PTH12060LAST Datasheet HTML 17Page - Texas Instruments PTH12060LAST Datasheet HTML 18Page - Texas Instruments PTH12060LAST Datasheet HTML 19Page - Texas Instruments PTH12060LAST Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
www.ti.com
PTH12060W
1
10
4
5
6
2
3
1 = Inhibit
GND
9
V Sense
O
8
Q1
BSS138
7
GND
L
O
A
D
R
2k
0.1 W, 1%
SET
W
C
330 F
O
m
C
560 F
I
m
V
I
V
O
V
(2 V/Div)
O
I (2 A/Div)
I
Q1Vds (5 V/Div)
t - Time = 10 s/Div
m
Auto-Track™ Function
PTH12060W/L
SLTS217D–MAY 2003–REVISED OCTOBER 2005
Figure 12. Inhibit Control Circuit
Turning on Q1 applies a low voltage to the Inhibit control pin and disables the output of the module. If Q1 is then
turned off, the module executes a soft-start power-up sequence. A regulated output voltage is produced within 25
ms. Figure 13 shows the typical rise in both the output voltage and input current, following the turn off of Q1. The
turn off of Q1 corresponds to the rise in the waveform, Q1 Vds. The waveforms were measured with a 5-A
constant current load.
Figure 13. Power-Up from Inhibit Control
The Auto-Track function is unique to the PTH/PTV family, and is available with all POLA products. Auto-Track
was designed to simplify the amount of circuitry required to make the output voltage from each module power up
and power down in sequence. The sequencing of two or more supply voltages during power up is a common
requirement for complex mixed-signal applications that use dual-voltage VLSI ICs such as the TMS320™ DSP
family, microprocessors, and ASICs.
How Auto-Track™ Works
Auto-Track works by forcing the module output voltage to follow a voltage presented at the Track control pin (1).
This control range is limited to between 0 V and the module set-point voltage. Once the track-pin voltage is
raised above the set-point voltage, the module output remains at its set-point (2). As an example, if the Track pin
of a 2.5-V regulator is at 1 V, the regulated output is 1 V. If the voltage at the Track pin rises to 3 V, the regulated
output does not go higher than 2.5 V.
When under Auto-Track control, the regulated output from the module follows the voltage at its Track pin on a
volt-for-volt basis. By connecting the Track pin of a number of these modules together, the output voltages follow
a common signal during power up and power down. The control signal can be an externally generated master
ramp waveform, or the output voltage from another power supply circuit (3). For convenience, the Track input
incorporates an internal RC-charge circuit. This operates off the module input voltage to produce a suitable rising
waveform at power up.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com