Electronic Components Datasheet Search
  English  ▼

X  

PTH12060LAST Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12060LAST
Description  10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12060LAST Datasheet(HTML) 20 Page - Texas Instruments

Back Button PTH12060LAST Datasheet HTML 16Page - Texas Instruments PTH12060LAST Datasheet HTML 17Page - Texas Instruments PTH12060LAST Datasheet HTML 18Page - Texas Instruments PTH12060LAST Datasheet HTML 19Page - Texas Instruments PTH12060LAST Datasheet HTML 20Page - Texas Instruments PTH12060LAST Datasheet HTML 21Page - Texas Instruments PTH12060LAST Datasheet HTML 22Page - Texas Instruments PTH12060LAST Datasheet HTML 23Page - Texas Instruments PTH12060LAST Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
www.ti.com
C
O
+
C
I
V
I
GND
Margin Down
L
O
A
D
Q2
+V
O
+V
O
Q1
+
Margin Up
0V
R
D
R
U
PT H12010W
(Top View)
1
2
10 98
7
6
5
4
3
GND
R
0.1 W, 1%
SET
PTH12060W/L
SLTS217D–MAY 2003–REVISED OCTOBER 2005
Figure 17. Margin Up/Down Application Schematic
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com